Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE11A Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1.5KE11A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1.5KE11A Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  1.5KE11A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1.5KE11A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1.5KE11A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 1.5KE11A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIN
MAX
1.5KE 75
67.5
82.5
1.0
1.5KE 75A
71.3
78.8
1.0
1.5KE 82
73.8
90.2
1.0
1.5KE 82A
77.9
86.1
1.0
1.5KE 91
81.9
100
1.0
1.5KE 91A
86.5
95.5
1.0
1.5KE 100
90.0
110
1.0
1.5KE 100A
95.0
105
1.0
1.5KE 110
99.0
121
1.0
1.5KE 110A
106
116
1.0
1.5KE 120
108
132
1.0
1.5KE 120A
114
126
1.0
1.5KE 130
117
143
1.0
1.5KE 130A
124
137
1.0
1.5KE 150
136
165
1.0
1.5KE 150A
143
158
1.0
1.5KE 160
144
176
1.0
1.5KE 160A
152
168
1.0
1.5KE 170
153
167
1.0
1.5KE 170A
162
179
1.0
1.5KE 180
162
198
1.0
1.5KE 180A
171
189
1.0
1.5KE 200
180
220
1.0
1.5KE 200A
190
210
1.0
1.5KE 220
196
242
1.0
1.5KE 220A
209
231
1.0
1.5KE 250
225
275
1.0
1.5KE 250A
237
263
1.0
1.5KE 300
270
330
1.0
1.5KE 300A
285
315
1.0
1.5KE 350
315
385
1.0
1.5KE 350A
333
368
1.0
1.5KE 400
360
440
1.0
1.5KE 400A
380
420
1.0
1.5KE 440
396
484
1.0
1.5KE 440A
418
462
1.0
1.5KE 480
432
528
1.0
1.5KE 480A
456
504
1.0
1.5KE 510
459
561
1.0
1.5KE 510A
485
535
1.0
1.5KE 540
486
594
1.0
1.5KE 540A
513
567
1.0
1.5KE 550
495
605
1.0
1.5KE 550A
522
577
1.0
(2) Surge current waveform per Fig.3 and derate per Fig.2
0.110
0.110
467
760
5.0
2.00
470
5.0
1.91
786
0.110
0.110
0.110
0.110
0.110
0.110
772
740
2.19
2.28
686
658
729
698
2.06
2.15
437
459
5.0
5.0
1.94
2.03
434
5.0
5.0
5.0
5.0
5.0
389
408
413
5.0
NOTE:(1) Pulse test:tp≤50ms
0.110
376
5.0
2.5
602
0.110
356
130
2.4
631
0.110
342
5.0
2.7
548
0.110
324
138
2.6
574
ELECTRICAL CHARACTERISTICS at(T
A=25℃ unless otherwise noted) TABLE 1(Cont' d)
Device
Type
3.1
482
0.110
171
113
5.0
12.0
131
125
0.105
0.106
0.106
0.106
6.4
234
287
81.0
136
128
145
162
154
146
0.110
274
230
219
0.108
0.106
0.108
0.108
0.108
0.108
202
5.0
4.2
360
109
0.108
344
0.108
0.106
0.108
0.108
0.105
0.105
0.105
13.9
14.6
12.7
13.3
144
10.4
6.8
5.0
7.2
8.7
6.5
5.0
5.0
5.0
5.0
5.0
5.0
77.8
73.7
60.7
64.1
66.4
70.1
104
118
175
5.0
5.0
5.0
5.0
4.4
11.5
5.2
89.2
85.5
137
97.2
5.0
9.9
152
173
0.106
5.0
9.5
158
0.107
5.0
10.9
0.107
5.0
6.1
246
5.0
207
9.1
165
8.0
187
0.107
0.107
0.107
102
5.0
106
5.0
4.6
328
121
5.0
7.0
215
5.0
6.1
244
5.5
0.108
111
5.0
0.110
8.4
179
0.107
5.0
5.8
258
0.110
214
5.0
4.4
344
243
5.0
3.5
430
0.110
284
5.0
3.0
504
0.110
256
5.0
3.6
414
Breakdown Voltage
V(BR)
(V)(NOTE1)
Test
Current
at IT
(mA)
300
5.0
185
5.0
94.0
5.0
5.0
Stand-off
Voltage
VWM(V)
Maximum
Reverse
Leakge
at VWM
ID
(NOTE3)
(µA)
Maximum
Pead Pulse
IPPM(NOTE2)
(A)
Maximum
Clamping
Voltage at
IPPM VC(V)
Maximum
Temperature
Coefficient of
V(BR)(%/℃)
www.galaxycn.com
BLGALAXYELECTRICAL
Document Number 0285003
3.


Similar Part No. - 1.5KE11A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE11A VISHAY-1.5KE11A Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
New Jersey Semi-Conduct...
1.5KE11A NJSEMI-1.5KE11A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11A NJSEMI-1.5KE11A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
1.5KE11A JINGHENG-1.5KE11A Datasheet
132Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE11A TRSYS-1.5KE11A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE11A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com