Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5300 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5300
Description  200MHz Slew Enhanced VFA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5300 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5300 Datasheet HTML 1Page - Intersil Corporation EL5300 Datasheet HTML 2Page - Intersil Corporation EL5300 Datasheet HTML 3Page - Intersil Corporation EL5300 Datasheet HTML 4Page - Intersil Corporation EL5300 Datasheet HTML 5Page - Intersil Corporation EL5300 Datasheet HTML 6Page - Intersil Corporation EL5300 Datasheet HTML 7Page - Intersil Corporation EL5300 Datasheet HTML 8Page - Intersil Corporation EL5300 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN7330.3
May 3, 2007
Ordering Information
PART NUMBER
PART
MARKING
TAPE AND REEL
PACKAGE
PKG.
DWG. #
EL5100IS
5100IS
-
8 Ld SOIC (150 mil)
MDP0027
EL5100IS-T7
5100IS
7”
8 Ld SOIC (150 mil)
MDP0027
EL5100IS-T13
5100IS
13”
8 Ld SOIC (150 mil)
MDP0027
EL5100ISZ (Note)
5100ISZ
-
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5100ISZ-T7 (Note)
5100ISZ
7”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5100ISZ-T13 (Note)
5100ISZ
13”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5100IW-T7
y
7” (3k pcs)
6 Ld SOT-23
MDP0038
EL5100IW-T7A
y
7” (250 pcs)
6 Ld SOT-23
MDP0038
EL5101IW-T7
2
7” (3k pcs)
5 Ld SOT-23
MDP0038
EL5101IW-T7A
2
7” (250 pcs)
5 Ld SOT-23
MDP0038
EL5300IU
5300IU
-
16 Ld QSOP (150 mil)
MDP0040
EL5300IU-T7
5300IU
7”
16 Ld QSOP (150 mil)
MDP0040
EL5300IU-T13
5300IU
13”
16 Ld QSOP (150 mil)
MDP0040
EL5300IUZ (Note)
5300IUZ
-
16 Ld QSOP (150 mil) (Pb-free)
MDP0040
EL5300IUZ-T7 (Note)
5300IUZ
7”
16 Ld QSOP (150 mil) (Pb-free)
MDP0040
EL5300IUZ-T13 (Note)
5300IUZ
13”
16 Ld QSOP (150 mil) (Pb-free)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL5100, EL5101, EL5300


Similar Part No. - EL5300

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5300 INTERSIL-EL5300 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5300 INTERSIL-EL5300 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5300 RENESAS-EL5300 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5300IU INTERSIL-EL5300IU Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5300IU INTERSIL-EL5300IU Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5300

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com