Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55-C36 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # ZMM55-C36
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ZMM55-C36 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ZMM55-C36 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ZMM55-C36 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
FEATURES
! Low cost
! Small size
! Glass sealed
MECHANICAL DATA
! Case: MINI-MELF,glass case
! Terminals: solderable per MIL-STD-202,
method 208
! Polarity:color band denotes cathode
! Mounting position:any
! Weight:0.05 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase,half wave,60Hz.
Electrical characteristics VF=1.2V max, IF = 200mA for all types.
Maximum zener impedance
Maximum reverse
leakage current
JEDEC
type no
Nominal
zener
voltage
VZ@ IZT
Test
current
IZT
ZZT @ IZT
ZZK at
IZK=1mA
Typical
temperature
coefficient
IR
Test
voltage
suffix b
Maximum
regulator
current
IZM
V
mA
Ω                      Ω         
%
 ℃
/
µA
V
mA
ZMM55-C2V4
ZMM55-C2V7
ZMM55-C3V0
ZMM55-C3V3
ZMM55-C3V6
ZMM55-C3V9
ZMM55-C4V3
ZMM55-C4V7
ZMM55-C5V1
ZMM55-C5V6
ZMM55-C6V2
ZMM55-C6V8
ZMM55-C7V5
ZMM55-C8V2
ZMM55-C9V1
ZMM55-C10
ZMM55-C11
ZMM55-C12
ZMM55-C13
ZMM55-C15
ZMM55-C16
ZMM55-C18
ZMM55-C20
ZMM55-C22
ZMM55-C24
ZMM55-C27
ZMM55-C30
ZMM55-C33
ZMM55-C36
2.28-2.56
2.5-2.9
2.8-3.2
3.1-3.5
3.4-3.8
3.7-4.1
4.0-4.6
4.4-5.0
4.8-5.4
5.2-6.0
5.8-6.6
6.4-7.2
7.0-7.9
7.7-8.7
8.5-9.6
9.4-10.6
10.4-11.6
11.4-12.7
12.4-14.1
13.8-15.6
15.3-17.1
16.8-19.1
18.8-21.2
20.8-23.3
22.8-25.6
25.1-28.9
28-32
31-35
34-38
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
85
85
85
85
85
85
75
60
35
25
10
8
7
7
10
15
20
20
26
30
40
50
55
55
80
80
80
80
80
600
600
600
600
600
600
600
600
550
450
200
150
50
50
50
70
70
90
110
110
170
170
220
220
220
220
220
220
220
-0.070
-0.070
-0.070
-0.065
-0.060
-0.050
-0.025
-0.010
+0.015
+0.025
+0.035
+0.045
+0.050
+0.050
+0.060
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.080
+0.080
+0.080
+0.080
+0.080
50
10
4
2
2
2
1
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
5.0
6.0
7.0
7.5
8.5
9.0
10
11
12
14
15
17
18
20
22
24
27
150
135
125
115
105
95
90
85
80
70
64
58
53
47
43
40
36
32
29
27
24
21
20
18
16
14
13
12
11
NOTE: *Measured with pulses Tp=20ms
www.galaxycn.com
Document Number 0284014
BLGALAXYELECTRICAL
1.
ZENER
DIODES
POWER DISSIPATION:
500 mW
BL
GALAXY ELECTRICAL
ZMM55-SERIES
1. Suffix"A"for
1%,Suffix"B"for
2%,Suffix"C"for
    5%,Suffix"D"for
10%.
ZMM55-C39
37-41
2.5
90
500
+0.080
0.1
30
10
ZMM55-C43
40-46
2.5
90
600
+0.080
0.1
33
9.2
ZMM55-C47
44-50
2.5
100
700
+0.080
0.1
36
8.5
MINI-MELF


Similar Part No. - ZMM55-C36

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM55-C36 JGD-ZMM55-C36 Datasheet
169Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
Pan Jit International I...
ZMM55-C36 PANJIT-ZMM55-C36 Datasheet
103Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Diotech Company.
ZMM55-C36 DIOTECH-ZMM55-C36 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
ZMM55-C36 PANJIT-ZMM55-C36 Datasheet
99Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
ZMM55-C36 FRONTIER-ZMM55-C36 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
More results

Similar Description - ZMM55-C36

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com