Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5268B Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N5268B
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N5268B Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N5268B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N5268B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N5268B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GALAXY ELECTRICAL
FEATURES
Silicon planar power zener diodes
Standard Zener voltage tolerance is ±5%. With a "B"
suffix. Other tolerances are available upon request.
MECHANICAL DATA
Case:DO-35, Glass Case
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Marking: Type Number
Approx. Weight: 0.13 grams.
Thermal resistance junction to ambient
Forw ard voltage at IF=200mA
3001)
Storage temperature
range
Ts
-55---+175
Power dissipation at Tamb=25
Ptot
5001)
NOTES: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
1.2
V
/W
SYMBOL
VF
UNIT
MAX
TYP
MIN
RθJA
Junction temperature
TJ
175
mW
Zener current (see Table "Characteristics")
1N5221B---1N5279B
ZENER DIODES
POWER DISSIPATION: 500 mW
DO-35(GLASS)
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BLGALAXY ELECTRICAL
Document Number 0284001
1.
www.galaxycn.com
BL


Similar Part No. - 1N5268B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5268B FAIRCHILD-1N5268B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
1N5268B NJSEMI-1N5268B Datasheet
109Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Fairchild Semiconductor
1N5268B FAIRCHILD-1N5268B Datasheet
85Kb / 3P
   Zeners
logo
Shenzhen Luguang Electr...
1N5268B LUGUANG-1N5268B Datasheet
212Kb / 3P
   Zener Diodes
logo
Central Semiconductor C...
1N5268B CENTRAL-1N5268B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results

Similar Description - 1N5268B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com