Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5128CY-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5128CY-T13
Description  Dual VCOM Amplifier & Gamma Reference Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5128CY-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5128CY-T13 Datasheet HTML 1Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 2Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 3Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 4Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 5Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 6Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 7Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 8Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN7000.3
May 4, 2007
Typical Performance Curves
FIGURE 1.
400
1200
INPUT OFFSET VOLTAGE (mV)
0
1800
1600
800
200
1400
1000
600
VS=±5V
TA=25°C
TYPICAL
PRODUCTION
DISTRIBUTION
INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 2.
INPUT OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
10
50
0
70
30
60
40
20
VS=±5V
TYPICAL
PRODUCTION
DISTRIBUTION
INPUT OFFSET VOLTAGE DRIFT
FIGURE 3.
0
150
0
5
DIE TEMPERATURE (°C)
-5
50
-50
100
10
VS=±5V
INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 4.
0.0
DIE TEMPERATURE (°C)
-2.0
2.0
0
150
50
-50
100
VS=±5V
INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 5.
4.94
4.95
4.93
4.97
0
150
DIE TEMPERATURE (°C)
50
-50
100
4.96
VS=±5V
IOUT=5mA
OUTPUT HIGH VOLTAGE vs TEMPERATURE
FIGURE 6.
-4.95
-4.93
-4.97
-4.91
0
150
DIE TEMPERATURE (°C)
50
-50
100
-4.92
-4.94
-4.96
VS=±5V
IOUT=-5mA
OUTPUT LOW VOLTAGE vs TEMPERATURE
EL5128


Similar Part No. - EL5128CY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5128CY-T13 INTERSIL-EL5128CY-T13 Datasheet
698Kb / 11P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Renesas Technology Corp
EL5128CY-T13 RENESAS-EL5128CY-T13 Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
More results

Similar Description - EL5128CY-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Intersil Corporation
EL5128 INTERSIL-EL5128 Datasheet
698Kb / 11P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
[Old version datasheet]   LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com