Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS82C82 Datasheet(PDF) 6 Page - Intersil Corporation

Part # IS82C82
Description  CMOS Octal Latching Bus Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS82C82 Datasheet(HTML) 6 Page - Intersil Corporation

  IS82C82 Datasheet HTML 1Page - Intersil Corporation IS82C82 Datasheet HTML 2Page - Intersil Corporation IS82C82 Datasheet HTML 3Page - Intersil Corporation IS82C82 Datasheet HTML 4Page - Intersil Corporation IS82C82 Datasheet HTML 5Page - Intersil Corporation IS82C82 Datasheet HTML 6Page - Intersil Corporation IS82C82 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
279
Burn-In Circuits
MD82C82 CERDIP
MR82C82 CLCC
NOTES:
1. VCC = 5.5 ± 0.5V, GND = 0V.
2. VIH = 4.5V ±10%.
3. VIL = -0.2V to 0.4V.
4. R1 = 47kΩ ±5%.
5. R2 = 2.0kΩ ±5%.
6. R3 = 4.2kΩ ±5%.
7. R4 = 470kΩ ±5%.
8. C1 = 0.01µF minimum.
9. F0 = 100kHz ±10%.
10. F1 = F0/2, F2 = F1/2.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
R1
F2
A
R2
VCC
R1
F2
R1
F2
R1
F2
R1
F2
R1
F2
R1
F2
R1
F2
R1
F0
R1
A
A
A
A
A
A
A
A
F1
VCC
C1
R2
R3
R3
F2
VCC/2
C1
4
5
6
7
8
10
11
12
13
9
32
1
20
19
16
17
18
15
14
R3
VCC/2
R3
VCC/2
R3
VCC/2
R3
VCC/2
R3
VCC/2
R3
R3
R3
R3
R3
F2
F2
F2
F2
F2
R3
F2
R3
F2
R3
R3
R3
R3
F0
F1 VCC/2
VCC
VCC/2
82C82


Similar Part No. - IS82C82

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS82C82 INTERSIL-IS82C82 Datasheet
103Kb / 7P
   CMOS Octal Latching Bus Driver
March 1997
More results

Similar Description - IS82C82

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C82 INTERSIL-82C82 Datasheet
103Kb / 7P
   CMOS Octal Latching Bus Driver
March 1997
logo
Renesas Technology Corp
82C82 RENESAS-82C82 Datasheet
501Kb / 8P
   CMOS Octal Latching Bus Driver
Aug 25, 2015
logo
Intersil Corporation
82C83H INTERSIL-82C83H Datasheet
105Kb / 6P
   CMOS Octal Latching Inverting Bus Driver
March 1997
logo
Motorola, Inc
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
   LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
   CMOS Octal Bus Transceiver
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
   CMOS Octal Bus Transceiver
March 1997
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
   CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com