Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG413 Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG413
Description  Monolithic Quad SPST, CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG413 Datasheet(HTML) 4 Page - Intersil Corporation

  DG413 Datasheet HTML 1Page - Intersil Corporation DG413 Datasheet HTML 2Page - Intersil Corporation DG413 Datasheet HTML 3Page - Intersil Corporation DG413 Datasheet HTML 4Page - Intersil Corporation DG413 Datasheet HTML 5Page - Intersil Corporation DG413 Datasheet HTML 6Page - Intersil Corporation DG413 Datasheet HTML 7Page - Intersil Corporation DG413 Datasheet HTML 8Page - Intersil Corporation DG413 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN3282.13
June 20, 2007
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44V
GND to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
VL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND -0.3V) to (V+) +0.3V
Digital Inputs, VS, VD (Note 1). . . . . (V-) -2V to (V+) + 2V or 30mA,
Whichever Occurs First
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 30mA
Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle Max) . . 100mA
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20V (Max)
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V (Max)
Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V (Min)
Input Rise and Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤20ns
Thermal Resistance (Typical, Note 2)
θJA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
150
Maximum Junction Temperature (Plastic Packages). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
(SOIC and TSSOP - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
2.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: V+ = +15V, V- = -15V, VL = 5V, VIN = 2.4V, 0.8V (Note 3),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 4)
TYP
(Note 5)
MAX
(Note 4)
UNITS
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
RL = 300Ω, CL = 35pF, VS = ±10V (Figure 1)
25
-
110
175
ns
85
-
-
220
ns
Turn-OFF Time, tOFF
25
-
100
145
ns
85
-
-
160
ns
Break-Before-Make Time Delay
DG413 Only, RL = 300Ω, CL = 35pF (Figure 2)
25
-
25
-
ns
Charge Injection, Q (Figure 3)
CL = 10nF, VG = 0V, RG = 0Ω
25
-
5
-
pC
OFF Isolation (Figure 5)
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
68
-
dB
Crosstalk (Channel-to-Channel),
(Figure 4)
25
-
-85
-
dB
Source OFF Capacitance, CS(OFF)
f = 1MHz (Figure 6)
25
-
9
-
pF
Drain OFF Capacitance, CD(OFF)
25
-
9
-
pF
Channel ON Capacitance,
CD(ON) + CS(ON)
25
-
35
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Current VIN Low, IIL
VIN Under Test = 0.8V, All Others = 2.4V
Full
-0.5
0.005
0.5
μA
Input Current VIN High, IIH
VIN Under Test = 2.4V, All Others = 0.8V
Full
-0.5
0.005
0.5
μA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
IS = 10mA
Full
-15
-
15
V
Drain-Source ON Resistance,
rDS(ON)
IS = 10mA, VD = ±8.5V, V+ = 13.5V, V- = -13.5V
25
-
25
35
Ω
Full
-
-
45
Ω
DG411, DG412, DG413


Similar Part No. - DG413

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG413 INTERSIL-DG413 Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG413 INTERSIL-DG413 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG413 VISHAY-DG413 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG413 VISHAY-DG413 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
logo
Maxim Integrated Produc...
DG413 MAXIM-DG413 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
More results

Similar Description - DG413

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com