Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2126CS-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL2126CS-T13
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL2126CS-T13 Datasheet HTML 6Page - Intersil Corporation EL2126CS-T13 Datasheet HTML 7Page - Intersil Corporation EL2126CS-T13 Datasheet HTML 8Page - Intersil Corporation EL2126CS-T13 Datasheet HTML 9Page - Intersil Corporation EL2126CS-T13 Datasheet HTML 10Page - Intersil Corporation EL2126CS-T13 Datasheet HTML 11Page - Intersil Corporation EL2126CS-T13 Datasheet HTML 12Page - Intersil Corporation EL2126CS-T13 Datasheet HTML 13Page - Intersil Corporation EL2126CS-T13 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN7046.4
May 2, 2007
FIGURE 29. CMRR vs FREQUENCY
FIGURE 30. PSRR vs FREQUENCY
FIGURE 31. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 32. BANDWIDTH AND PEAKING vs TEMPERATURE
FIGURE 33. SLEW RATE vs SWING
FIGURE 34. SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
-10
-50
-90
-110
10
1M
10M
100M
FREQUENCY (Hz)
-70
-30
1k
100k
100
10k
110
70
30
10
10k
100k
1M
10M
200M
FREQUENCY (Hz)
50
90
VS=±5V
PSRR+
PSRR-
100
10
1
0.1
0.01
10k
1M
100M
FREQUENCY (Hz)
100k
10M
VS = ±5V
120
100
60
40
20
0
-40
40
160
TEMPERATURE (°C)
VS = ±5V
80
80
0120
3.5
3
2.5
2
1.5
1
0.5
0
-0.5
BANDWIDTH
PEAKING
220
180
140
100
60
-1
VOUT SWING (VPP)
37
11
15
5VSR+
5VSR-
15VSR+
15VSR-
159
13
200
160
120
80
4.8
5.2
5.1
5
4.9
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS=±5V
VS=±15V
EL2126


Similar Part No. - EL2126CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2126CS-T13 INTERSIL-EL2126CS-T13 Datasheet
275Kb / 15P
   Ultra-Low Noise, Low Power, Wideband Amplifier
EL2126CS-T13 INTERSIL-EL2126CS-T13 Datasheet
339Kb / 19P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Renesas Technology Corp
EL2126CS-T13 RENESAS-EL2126CS-T13 Datasheet
861Kb / 19P
   Ultra-Low Noise, Low Power, Wideband Amplifier
More results

Similar Description - EL2126CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2125 INTERSIL-EL2125 Datasheet
401Kb / 15P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Elantec Semiconductor
EL2125C ELANTEC-EL2125C Datasheet
283Kb / 10P
   Ultra-low Noise, Low Power, Wideband Amplifier
logo
Intersil Corporation
EL2125 INTERSIL-EL2125_07 Datasheet
401Kb / 16P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Renesas Technology Corp
EL2125 RENESAS-EL2125 Datasheet
852Kb / 16P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Intersil Corporation
EL2126 INTERSIL-EL2126_07 Datasheet
339Kb / 19P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Elantec Semiconductor
EL2126C ELANTEC-EL2126C Datasheet
280Kb / 11P
   Ultra-low Noise, Low Power, Wideband Amplifier
logo
Renesas Technology Corp
EL2126 RENESAS-EL2126 Datasheet
861Kb / 19P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Intersil Corporation
EL2126 INTERSIL-EL2126 Datasheet
275Kb / 15P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com