Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W320-03 Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # W320-03
Description  200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W320-03 Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button W320-03 Datasheet HTML 4Page - SpectraLinear Inc W320-03 Datasheet HTML 5Page - SpectraLinear Inc W320-03 Datasheet HTML 6Page - SpectraLinear Inc W320-03 Datasheet HTML 7Page - SpectraLinear Inc W320-03 Datasheet HTML 8Page - SpectraLinear Inc W320-03 Datasheet HTML 9Page - SpectraLinear Inc W320-03 Datasheet HTML 10Page - SpectraLinear Inc W320-03 Datasheet HTML 11Page - SpectraLinear Inc W320-03 Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
W320-03
Rev 1.0, November 25, 2006
Page 8 of 16
Switching Characteristics[10] Over the Operating Range
Parameter
Output
Description
Test Conditions
Min.
Max.
Unit
t1
All
Output Duty Cycle[11]
Measured at 1.5V
45
55
%
t3
USB, REF, DOT Falling Edge Rate
Between 2.4V and 0.4V
0.5
2.0
ps
t3
PCI,3V66
Falling Edge Rate
Between 2.4V and 0.4V
1.0
4.0
V/ns
t5
3V66[0:1]
3V66-3V66 Skew
Measured at 1.5V
500
ps
t5
66BUFF[0:2]
66BUFF-66BUFF Skew
Measured at 1.5V
175
ps
t6
PCI
PCI-PCI Skew
Measured at 1.5V
500
ps
t7
3V66,PCI
3V66-PCI Clock Jitter
3V66 leads. Measured at 1.5V
1.5
3.5
ns
t9
3V66
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
250
ps
t9
USB, DOT
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
350
ps
t9
PCI
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
500
ps
t9
REF
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
1000
ps
CPU 1.0V Switching Characteristics
t2
CPU
RiseTime
Measured differential waveform from
–0.35V to +0.35V
175
467
ps
t3
CPU
Fall Time
Measured differential waveform from
–0.35V to +0.35V
175
467
ps
t4
CPU
CPU-CPU Skew
Measured at Crossover
150
ps
t8
CPU
Cycle-Cycle Clock Jitter
Measured at Crossover t8 = t8A – t8B
150
ps
CPU
Rise/Fall Matching
Measured with test loads[12]
325
mV
Voh
CPU
High-level Output Voltage
including overshoot
Measured with test loads[12]
0.92
1.45
V
Vol
CPU
Low-level Output Voltage
including undershoot
Measured with test loads[12]
–0.2
0.35
V
Vcrossover
CPU
Crossover Voltage
Measured with test loads[12]
0.51
0.76
V
CPU 0.7V Switching Characteristics
t2
CPU
RiseTime
Measured single ended waveform from
0.175V to 0.525V
175
700
ps
t3
CPU
Fall Time
Measured single ended waveform from
0.175V to 0.525V
175
700
ps
t4
CPU
CPU-CPU Skew
Measured at Crossover
150
ps
t8
CPU
Cycle-Cycle Clock Jitter
Measured at Crossover t8 = t8A – t8B
With all outputs running
150
ps
CPU
Rise/Fall Matching
Measured with test loads[13, 14]
20
%
Voh
CPU
High-level Output Voltage
including overshoot
Measured with test loads[14]
0.85
V
Vol
CPU
Low-level Output Voltage
including undershoot
Measured with test loads[14]
–0.15
V
Vcrossover
CPU
Crossover Voltage
Measured with test loads[14]
0.28
0.43
V
Notes:
10. All parameters specified with loaded outputs.
11. Duty cycle is measured at 1.5V when VDD = 3.3V. When VDD = 2.5V, duty cycle is measured at 1.25V.
12. The 1.0V test load is shown on test circuit page.
13. Determined as a fraction of 2*(Trp – Trn)/(Trp +Trn) Where Trp is a rising edge and Trp is an intersecting falling edge.
14. The 0.7V test load is Rs = 33.2 , Rp = 49.9 in test circuit.


Similar Part No. - W320-03

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-03 CYPRESS-W320-03 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03H CYPRESS-W320-03H Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-03H SILABS-W320-03H Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results

Similar Description - W320-03

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04 CYPRESS-W320-04 Datasheet
261Kb / 17P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com