Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W312-02H Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # W312-02H
Description  FTG for VIA??K7 Series Chipset with Programmable Output Frequency
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W312-02H Datasheet(HTML) 4 Page - SpectraLinear Inc

  W312-02H Datasheet HTML 1Page - SpectraLinear Inc W312-02H Datasheet HTML 2Page - SpectraLinear Inc W312-02H Datasheet HTML 3Page - SpectraLinear Inc W312-02H Datasheet HTML 4Page - SpectraLinear Inc W312-02H Datasheet HTML 5Page - SpectraLinear Inc W312-02H Datasheet HTML 6Page - SpectraLinear Inc W312-02H Datasheet HTML 7Page - SpectraLinear Inc W312-02H Datasheet HTML 8Page - SpectraLinear Inc W312-02H Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
W312-02
Rev 1.0, November 27, 2006
Page 4 of 19
Serial Data Interface
The W312-02 features a two-pin, serial data interface that can
be used to configure internal register settings that control
particular device functions.
Data Protocol
The clock driver serial protocol supports byte/word write,
byte/word read, block write and block read operations from the
controller. For block write/read operation, the bytes must be
accessed in sequential order from lowest to highest byte with
the ability to stop after any complete byte has been trans-
ferred. For byte/word write and byte read operations, system
controller can access individual indexed byte. The offset of the
indexed byte is encoded in the command code.
.The block write and block read protocol is outlined in Table 1
while Table 2 outlines the corresponding byte write and byte
read protocol. The slave receiver address is 11010010 (D2h)
Table 1. Command Code Definitions
Bit
Descriptions
7
0 = Block read or block write operation
1 = Byte/Word read or byte/word write operation
6:0
Byte offset for byte/word read or write operation. For block read or write operations, these bits
need to be set at ‘0000000’.
Table 2. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1Start
1Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘00000000’ stands for block operation
11:18
Command Code – 8 bits
‘00000000’ stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 0 – 8 bits
28
Read
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
...
Data Byte N/Slave Acknowledge...
39:46
Data byte from slave – 8 bits
...
Data Byte N – 8 bits
47
Acknowledge
...
Acknowledge from slave
48:55
Data byte from slave – 8 bits
...
Stop
56
Acknowledge
...
Data bytes from slave/Acknowledge
...
Data byte N from slave – 8 bits
...
Not Acknowledge
...
Stop


Similar Part No. - W312-02H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W312-02H CYPRESS-W312-02H Datasheet
143Kb / 21P
   FTG for VIA K7 Series Chipset with Programmable Output Frequency
W312-02H CYPRESS-W312-02H Datasheet
253Kb / 20P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W312-02HT CYPRESS-W312-02HT Datasheet
143Kb / 21P
   FTG for VIA K7 Series Chipset with Programmable Output Frequency
W312-02HT CYPRESS-W312-02HT Datasheet
253Kb / 20P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
More results

Similar Description - W312-02H

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28312B-2 SPECTRALINEAR-CY28312B-2 Datasheet
189Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
logo
Cypress Semiconductor
W312-02 CYPRESS-W312-02_05 Datasheet
253Kb / 20P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W312-02 CYPRESS-W312-02 Datasheet
143Kb / 21P
   FTG for VIA K7 Series Chipset with Programmable Output Frequency
CY28312B-2 CYPRESS-CY28312B-2 Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
logo
SpectraLinear Inc
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
   FTG for VIA PT880 Serial Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311 Datasheet
347Kb / 19P
   FTG for VIA Pro-266 DDR Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com