Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW311OXC Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CYW311OXC
Description  FTG for VIA??Pro-266 DDR Chipset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CYW311OXC Datasheet(HTML) 5 Page - SpectraLinear Inc

  CYW311OXC Datasheet HTML 1Page - SpectraLinear Inc CYW311OXC Datasheet HTML 2Page - SpectraLinear Inc CYW311OXC Datasheet HTML 3Page - SpectraLinear Inc CYW311OXC Datasheet HTML 4Page - SpectraLinear Inc CYW311OXC Datasheet HTML 5Page - SpectraLinear Inc CYW311OXC Datasheet HTML 6Page - SpectraLinear Inc CYW311OXC Datasheet HTML 7Page - SpectraLinear Inc CYW311OXC Datasheet HTML 8Page - SpectraLinear Inc CYW311OXC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
W311
Rev 1.0, November 25, 2006
Page 5 of 18
W311 Serial Configuration Map
1. The serial bits will be read by the clock driver in the following
order:
Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte N - Bits 7, 6, 5, 4, 3, 2, 1, 0
2. All unused register bits (reserved and N/A) should be
written to a “0” level.
3. All register bits labeled “Initialize to 0" must be written to
zero during initialization.
Byte 0: Control Register 0
Bit
Pin#
Name
Default
Description
Bit 7
Reserved
0
Reserved
Bit 6
SEL2
0
See
Table 5
Bit 5
SEL1
0
See
Table 5
Bit 4
SEL0
0
See
Table 5
Bit 3
FS_Override
0
0 = Select operating frequency by FS[4:0] input pins
1 = Select operating frequency by SEL[4:0] settings
Bit 2
SEL4
1
See
Table 5
Bit 1
SEL3
0
See
Table 5
Bit 0
Reserved
0
Reserved
Byte 1: Control Register 1
Bit
Pin#
Name
Default
Description
Bit 7
-
Reserved
0
Reserved
Bit 6
-
Spread Select2
0
‘000’ = Normal (spread off)
‘001’ = Test Mode
‘010’ = Reserved
‘011’ = Three-Stated
‘100’ = –0.5%
‘101’ = ± 0.5%
‘110’ = ± 0.25%
‘111’ = ± 0.38%
Bit 5
-
Spread Select1
0
Bit 4
-
Spread Select0
0
Bit 3
35
CPU3
1
(Active/Inactive)
Bit 2
38
CPU2
1
(Active/Inactive)
Bit 1
39
CPU1
1
(Active/Inactive)
Bit 0
42
APIC2
1
(Active/Inactive)
Byte 2: Control Register 2
Bit
Pin#
Name
Default
Description
Bit 7
20
PC8
1
(Active/Inactive)
Bit 6
18
PCI7
1
(Active/Inactive)
Bit 5
17
PCI6
1
(Active/Inactive)
Bit 4
16
PCI5
1
(Active/Inactive)
Bit 3
14
PCI4
1
(Active/Inactive)
Bit 2
13
PCI3
1
(Active/Inactive)
Bit 1
11
PCI2
1
(Active/Inactive)
Bit 0
10
PCI1
1
(Active/Inactive)


Similar Part No. - CYW311OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW311OXC CYPRESS-CYW311OXC Datasheet
371Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
logo
Silicon Laboratories
CYW311OXC SILABS-CYW311OXC Datasheet
462Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
logo
Cypress Semiconductor
CYW311OXCT CYPRESS-CYW311OXCT Datasheet
371Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
logo
Silicon Laboratories
CYW311OXCT SILABS-CYW311OXCT Datasheet
462Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
More results

Similar Description - CYW311OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W311 CYPRESS-W311 Datasheet
347Kb / 19P
   FTG for VIA Pro-266 DDR Chipset
logo
Silicon Laboratories
W311 SILABS-W311 Datasheet
462Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311_05 Datasheet
371Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
logo
SpectraLinear Inc
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
   FTG for VIA PT880 Serial Chipset
logo
Cypress Semiconductor
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W199 CYPRESS-W199 Datasheet
154Kb / 14P
   Spread Spectrum FTG for VIA Apollo Pro-133
logo
SpectraLinear Inc
CY28312B-2 SPECTRALINEAR-CY28312B-2 Datasheet
189Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com