Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW256OXCT Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # CYW256OXCT
Description  12 Output Buffer for 2 DDR and 3 SRAM DIMMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CYW256OXCT Datasheet(HTML) 3 Page - SpectraLinear Inc

  CYW256OXCT Datasheet HTML 1Page - SpectraLinear Inc CYW256OXCT Datasheet HTML 2Page - SpectraLinear Inc CYW256OXCT Datasheet HTML 3Page - SpectraLinear Inc CYW256OXCT Datasheet HTML 4Page - SpectraLinear Inc CYW256OXCT Datasheet HTML 5Page - SpectraLinear Inc CYW256OXCT Datasheet HTML 6Page - SpectraLinear Inc CYW256OXCT Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
W256
Rev 1.0, November 25, 2006
Page 3 of 7
Serial Configuration Map
• The Serial bits will be read by the clock driver in the following
order:
Byte 0 — Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 — Bits 7, 6, 5, 4, 3, 2, 1, 0
.–
.
Byte N — Bits 7, 6, 5, 4, 3, 2, 1, 0
• Reserved and unused bits should be programmed to “0”.
• SMBus Address for the W256 is:
Table 1.
A6
A5
A4
A3
A2
A1
A0
R/W
1101001
––
Byte 6: Outputs Active/Inactive Register
(1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Default
Bit 7
Reserved, drive to 0
0
Bit 6
Reserved, drive to 0
0
Bit 5
Reserved, drive to 0
0
Bit 4
1
FBOUT
1
Bit 3
27, 26 DDR5T_SDRAM10,
DDR5C_SDRAM11
1
Bit 2
Reserved, drive to 0
1
Bit 1
23, 22 DDR4T_SDRAM8,
DDR4C_SDRAM9
1
Bit 0
Reserved, drive to 0
1
Byte 7: Outputs Active/Inactive Register
(1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Default
Bit 7
Reserved, drive to 0
1
Bit 6
19, 18
DDR3T_SDRAM6,
DDR3C_SDRAM7
1
Bit 5
12, 13
DDR2T_SDRAM4,
DDR2C_SDRAM5
1
Bit 4
Reserved, drive to 0
1
Bit 3
Reserved, drive to 0
1
Bit 2
7, 8
DDR1T_SDRAM2,
DDR1C_SDRAM3
1
Bit 1
Reserved, drive to 0
1
Bit 0
3, 4
DDR0T_SDRAM0,
DDR0C_SDRAM1
1


Similar Part No. - CYW256OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW256OXCT CYPRESS-CYW256OXCT Datasheet
176Kb / 9P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Silicon Laboratories
CYW256OXCT SILABS-CYW256OXCT Datasheet
277Kb / 8P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
More results

Similar Description - CYW256OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W256 CYPRESS-W256 Datasheet
176Kb / 9P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Silicon Laboratories
W256 SILABS-W256 Datasheet
277Kb / 8P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
PhaseLink Corporation
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
   DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
PLL103-03 PLL-PLL103-03 Datasheet
149Kb / 7P
   DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
logo
Cypress Semiconductor
W255 CYPRESS-W255 Datasheet
255Kb / 10P
   200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
PhaseLink Corporation
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
   DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com