Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6287 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6287
Description  POWER COMBO DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6287 Datasheet(HTML) 1 Page - STMicroelectronics

  L6287 Datasheet HTML 1Page - STMicroelectronics L6287 Datasheet HTML 2Page - STMicroelectronics L6287 Datasheet HTML 3Page - STMicroelectronics L6287 Datasheet HTML 4Page - STMicroelectronics L6287 Datasheet HTML 5Page - STMicroelectronics L6287 Datasheet HTML 6Page - STMicroelectronics L6287 Datasheet HTML 7Page - STMicroelectronics L6287 Datasheet HTML 8Page - STMicroelectronics L6287 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L6287
POWER COMBO DRIVER
DESCRIPTION
The F-VHS Motor Driver COMBO IC includes a
double three phase brushless motor driver plus a
DC full bridge motor driver for VCR application.
The package is SDIP42 (38+2+2 pin ground
frame).
The device is realized in BCD technology with
power LDMOS output stages.
The gate drive for high side stages is provided by
an internal charge pump with two external capaci-
tors. The first three phase motor driver is devoted
to the DRUM motor control.
The phase sequence update signal is provided in-
itially by an external start-up signal (FSTART),
whose frequency is internally divided by four,
while, during normal operation, is provided by an
optical tacho converter signal.
This signal is used as clock and reset for the state
machine.
The regulation of the speed is externally provided
by means of PWM signal generated by the
µP
(DPWM), without external sensing resistor. The
feedback to the
µP unit is given by a suitable
open drain output signal (PUD) synchronized by
the internal state machine.
The second three phase motor driver is devoted
to the CAPSTAN control. While the DRUM will al-
ways spin in a fixed direction, the CAPSTAN mo-
tor needs a more sophisticated logic to control the
changes in spin direction.
The motor position detection is carried out by
means of three comparators for Hall effect sen-
sors. The loop regulation for this motor is still pro-
vided by the
µP with the signals CPWM and
CDIR.
The LOADING motor section include a full bridge
DC motor driver. The motor operations are di-
rectly set by the inputs LPWM, LDIR according to
the truth table reported on the page 5.
The device also includes a circuit for early ther-
mal alarm, last thermal alarm and thermal shut-
down with hysteresys. The output of this stage is
an open drain, kept ON during normal operations.
The THERM signal follows the inverted FSTART
signal between early warning and last warning
temperature, while remains in high impedance
(OFF) after lastwarning temperature and during
thermal shutdown.
The STANDBY state of the device is imposed by
THERMAL SHUTDOWN
UNDERVOLTAGE ON VCC SUPPLY
EXTERNAL SIGNAL FSTART;
This state is imposed automatically after a de-
fined time-out.
The time-out is realized by sensing the falling
edges of the FSTART signal: if no edges are re-
corded for a time interval greater than a certain
time constant, the STANDBY condition is gener-
ated.
The time constant is defined by the external ca-
pacitor CTO.
In the STANDBY state the main functions (upper
power stages, opto decoder, etc) of the device
are turned off in order to minimize the power con-
sumption.
The device also implement a HEATER function.
The HEATER transistor is OFF during thermal
shutdown, undervoltage condition and during nor-
mal working mode.
The HEATER transistor is driven ON when the
external STANDBY condition is present according
to the following table:
FSTART
HIGH
LOW
HEATER
OFF
ON
During the ON condition, the specified heater Ron
is not guaranteed if all the voltage supplies are
not at their minimum nominal value.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
February 1997
ORDERING NUMBER: L6287
SDIP42
1/9


Similar Part No. - L6287

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6287 HAMAMATSU-L6287 Datasheet
127Kb / 2P
   Miniature LED
More results

Similar Description - L6287

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SABRE-LL-I STMICROELECTRONICS-SABRE-LL-I_07 Datasheet
1Mb / 141P
   Combo motor driver
SABRE-LL-I STMICROELECTRONICS-SABRE-LL-I Datasheet
152Kb / 8P
   Combo motor driver
logo
Hitachi Semiconductor
HA13631T HITACHI-HA13631T Datasheet
86Kb / 20P
   CD-ROM Combo Driver
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13568AT HITACHI-HA13568AT Datasheet
97Kb / 22P
   CD-ROM Combo Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
logo
Rohm
BD7907FS ROHM-BD7907FS Datasheet
207Kb / 3P
   6-channel Combo driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com