Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W191 Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # W191
Description  Skew Controlled SDRAM Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W191 Datasheet(HTML) 5 Page - SpectraLinear Inc

  W191 Datasheet HTML 1Page - SpectraLinear Inc W191 Datasheet HTML 2Page - SpectraLinear Inc W191 Datasheet HTML 3Page - SpectraLinear Inc W191 Datasheet HTML 4Page - SpectraLinear Inc W191 Datasheet HTML 5Page - SpectraLinear Inc W191 Datasheet HTML 6Page - SpectraLinear Inc W191 Datasheet HTML 7Page - SpectraLinear Inc W191 Datasheet HTML 8Page - SpectraLinear Inc W191 Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
W191
Rev 1.0, November 20, 2006
Page 5 of 9
AC Electrical Characteristics: TA = 0°C to +70°C (Commercial), VDDQ3 = 3.3V ± 5%,TA = -40°C to +85°C (Industrial),
VDDQ3 = 3.3V ± 5% (Lump Capacitance Test Load = 30pF)
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
fIN
Input Frequency (Commercial)
0
133
MHz
fIN
Input Frequency (Industrial)
0
100
MHz
tR
Output Rise Edge Rate
Measured from 0.4V
to 2.4V
1.0
4.0
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V
to 0.4V
1.0
4.0
V/ns
tSR
Output Skew, Rising Edges
150
ps
tSF
Output Skew, Falling Edges
150
ps
tEN
Output Enable Time
1.0
8.0
ns
tDIS
Output Disable Time
1.0
8.0
ns
tPR
Rising Edge Propagation Delay
2.5
5.0
ns
tPF
Falling Edge Propagation Delay
2.5
5.0
ns
tD
Duty Cycle
Measured at 1.5V
45
55
%
Zo
AC Output Impedance
15


Similar Part No. - W191

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1910 PULSE-W1910 Datasheet
642Kb / 4P
   Penta Band Stubby Antenna
W1911 PULSE-W1911 Datasheet
642Kb / 4P
   Penta Band Stubby Antenna
W1919 PULSE-W1919 Datasheet
1Mb / 24P
   3G/4G LTE 2xMiMo Vehicular Antenna
More results

Similar Description - W191

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
   Low Skew Output Buffer
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
   Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
   Low Skew Output Buffer
logo
Abracon Corporation
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
   Low Skew Output Buffer
03/21/05
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
   Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
   Low Skew Output Buffer
2019
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
   Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
   Low Skew Output Buffer
logo
Micrel Semiconductor
PL123-05NSC MICREL-PL123-05NSC Datasheet
386Kb / 8P
   Low Skew Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com