Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4132EMFX-1.8 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4132EMFX-1.8
Description  SOT-23 Precision Low Dropout Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4132EMFX-1.8 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4132EMFX-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LM4132EMFX-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LM4132EMFX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LM4132EMFX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LM4132EMFX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LM4132EMFX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LM4132EMFX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LM4132EMFX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LM4132EMFX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical Characteristics
LM4132-3.0 (V
OUT = 3.0V)
Limits in standard type are for T
J = 25˚C only, and limits in boldface type apply
over the junction temperature (T
J) range of -40˚C to +125˚C unless otherwise specified. Minimum and Maximum limits are
guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at T
J =
25˚C, and are provided for reference purposes only. Unless otherwise specified V
IN = 5V and ILOAD =0
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Unit
V
REF
Output Voltage Initial Accuracy
LM4132A-3.0
(A Grade - 0.05%)
-0.05
0.05
%
LM4132B-3.0
(B Grade - 0.1%)
-0.1
0.1
LM4132C-3.0
(C Grade - 0.2%)
-0.2
0.2
LM4132D-3.0
(D Grade - 0.4%)
-0.4
0.4
LM4132E-3.0
(E Grade - 0.5%)
-0.5
0.5
TCV
REF /˚C
(Note 6)
Temperature Coefficient
LM4132A-3.0
0˚C
≤ T
J
≤ + 85˚C
10
ppm/˚C
-40˚C
≤ T
J
≤ +125˚C
20
LM4132B-3.0
-40˚C
≤ T
J
≤ +125˚C
20
LM4132C-3.0
20
LM4132D-3.0
20
LM4132E-3.0
30
I
Q
Supply Current
60
100
µA
I
Q_SD
Supply Current in Shutdown
EN = 0V
3
7
µA
∆V
REF/
∆V
IN
Line Regulation
V
REF + 400mV
≤ V
IN
≤ 5.5V
70
ppm / V
∆V
REF/
∆I
LOAD
Load Regulation
0mA
≤ I
LOAD
≤ 20mA
25
120
ppm/mA
∆V
REF
Long Term Stability (Note 7)
1000 Hrs
50
ppm
Thermal Hysteresis (Note 8)
-40˚C
≤ T
J
≤ +125˚C
75
V
IN -VREF
Dropout Voltage (Note 9)
I
LOAD = 10mA
175
400
mV
V
N
Output Noise Voltage
0.1 Hz to 10 Hz
285
µV
PP
I
SC
Short Circuit Current
75
mA
V
IL
Enable Pin Maximum Low Input
Level
35
%V
IN
V
IH
Enable Pin Minimum High Input
Level
65
%V
IN
www.national.com
6


Similar Part No. - LM4132EMFX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4132EMFX-1.8 TI-LM4132EMFX-1.8 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4132EMFX-1.8/NOPB TI-LM4132EMFX-1.8/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4132EMFX-1.8/NOPB TI1-LM4132EMFX-1.8/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132EMFX-1.8/NOPB TI1-LM4132EMFX-1.8/NOPB Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
More results

Similar Description - LM4132EMFX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI-LM4132_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com