Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1A15F Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1A15F
Description  PHOTO FLASH RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1A15F Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1A15F Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1A15F Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 028200
4
1
.
FEATURES
Fast switching
R - 1
Diffused junction
Low leakage
Low forward voltage drop
MECHANICAL DATA
Case: JEDEC R--1,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.007ounces, 0.20 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,
60Hz,resistive or inductive load. For capacitive load,derate by 20%.
1
A12F 1A14F 1A15F
UNITS
Maximum recurrent peak reverse voltage
VRRM
1200
1400
1500
V
Maximum RMS voltage
VRMS
840
980
1050
V
Maximum DC blocking voltage
VDC
1200
1400
1500
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
T
J=125
Maximum instantaneous forw ard voltage
@
1.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Maximum reverse recovery time
(NOTE1)
trr
ns
Typical junction capacitance
(NOTE2)
CJ
pF
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Mersured at 1MHZ and applied rev erse v oltage of 4.0V.
15
VOLTAGE RANGE: 1000 --- 1800 V
CURRENT:
1.0A
1260
1800
300
700
1000
1600
1120
1600
1
A10F
1
A16F 1A18F
1000
1800
-55 ---- + 150
IF(AV)
μA
IFSM
IR
A
A
NOTE: 1. Rev erse recov ery test conditions:I
F=0.5A,IR=-1.0A,IRR=-0.25A.
-55 ---- + 150
Easily cleaned with alcohol,Isopropanol and
similar solvents
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
1.0
1A10F --- 1A18F
High current capability
PHOTO FLASH RECTIFIER
GALAXY ELECTRICAL
5.0
100.0
1.3
1.8
30.0


Similar Part No. - 1A15F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1A15F LUGUANG-1A15F Datasheet
206Kb / 2P
   Photo Flash Rectifiers
logo
Diode Semiconductor Kor...
1A15F DSK-1A15F Datasheet
365Kb / 2P
   PHOTO FLASH RECTIFIERS
More results

Similar Description - 1A15F

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1F10 BILIN-1F10 Datasheet
72Kb / 2P
   PHOTO FLASH RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10 Datasheet
127Kb / 2P
   FAST RECOVERY HIGH VOLTAHGE PHOTO FLASH RECTIFIER
FR05-10G FRONTIER-FR05-10G Datasheet
127Kb / 2P
   FAST RECOVERY HIGH VOLTAGE PHOTO FLASH RECTIFIER
FFM05-10 FRONTIER-FFM05-10 Datasheet
122Kb / 2P
   SURFACE MOUNT FAST RECOVERY PHOTO FLASH RECTIFIER
logo
Diode Semiconductor Kor...
1A10F DSK-1A10F Datasheet
365Kb / 2P
   PHOTO FLASH RECTIFIERS
1F10 DSK-1F10 Datasheet
302Kb / 2P
   PHOTO FLASH RECTIFIERS
logo
Shenzhen Luguang Electr...
1F10 LUGUANG-1F10 Datasheet
197Kb / 2P
   Photo Flash Rectifiers
1A10F LUGUANG-1A10F Datasheet
206Kb / 2P
   Photo Flash Rectifiers
logo
Galaxy Semi-Conductor H...
1F10 BILIN-1F10_15 Datasheet
296Kb / 2P
   PHOTO FLASH RECTIFIERS
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
   Photo flash LED driver
Rev. 1-28 October 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com