Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28441ZXCT Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # CY28441ZXCT
Description  Clock Generator for Intel Alviso Chipset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28441ZXCT Datasheet(HTML) 2 Page - SpectraLinear Inc

  CY28441ZXCT Datasheet HTML 1Page - SpectraLinear Inc CY28441ZXCT Datasheet HTML 2Page - SpectraLinear Inc CY28441ZXCT Datasheet HTML 3Page - SpectraLinear Inc CY28441ZXCT Datasheet HTML 4Page - SpectraLinear Inc CY28441ZXCT Datasheet HTML 5Page - SpectraLinear Inc CY28441ZXCT Datasheet HTML 6Page - SpectraLinear Inc CY28441ZXCT Datasheet HTML 7Page - SpectraLinear Inc CY28441ZXCT Datasheet HTML 8Page - SpectraLinear Inc CY28441ZXCT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CY28441
Rev 1.0, November 21, 2006
Page 2 of 19
Pin Description
Pin No.
Name
Type
Description
33, 32
CLKREQA#,
CLKREQB#,
I, PU
3.3V LVTTL input for enabling assigned SRC clock, active LOW. CLKREQA#
defaults to enable/disable SRCT/C4, CLKREQB# defaults to enable/disable
SRCT/C5. Assignment can be changed via SMBUS register Byte 8.
54
CPU_STP#
I, PU
3.3V LVTTL input for CPU_STP# active LOW.
44, 43, 41, 40 CPUT/C
O, DIF Differential CPU clock outputs.
36, 35
CPUT2_ITP/SRCT7,
CPUC2_ITP/SRCC7
O, DIF Selectable differential CPU or SRC clock output.
ITP_EN = 0 @ VTT_PWRGD# assertion = SRC7
ITP_EN = 1 @ VTT_PWRGD# assertion = CPU2
14, 15
DOT96T, DOT96C
O, DIF Fixed 96-MHz clock output.
12
FS_A/USB_48
I/O, SE 3.3V-tolerant input for CPU frequency selection/fixed 48-MHz clock output.
Refer to DC Electrical Specifications table for V
IL_FS,VIH_FS specifications.
16
FS_B/TEST_MODE
I
3.3V-tolerant input for CPU frequency selection. Selects Ref/N or Hi-Z when
in test mode
0 = Hi-Z, 1 = Ref/N
Refer to DC Electrical Specifications table for V
IL_FS,VIH_FS specifications.
53
FS_C/TEST_SEL
I
3.3V-tolerant input for CPU frequency selection. Selects test mode if pulled
to greater than 2.0V when VTT_PWRGD# is asserted low.
Refer to DC Electrical Specifications table for V
IL_FS,VIH_FS specifications.
39
IREF
I
A precision resistor is attached to this pin, which is connected to the internal
current reference.
56, 3, 4, 5
PCI
O, SE 33 MHz clocks.
55
PCI_STP#
I, PU
3.3V LVTTL input for PCI_STP# active LOW.
8
PCIF0/ITP_EN
I/O, SE 33-MHz clock/CPU2 select (sampled on the VTT_PWRGD# assertion).
1 = CPU2_ITP, 0 = SRC7
9
PCIF1
O, SE 33 MHz clock.
52
REF
O, SE Reference clock. 3.3V 14.318-MHz clock output.
46
SCLK
I
SMBus-compatible SCLOCK.
47
SDATA
I/O
SMBus-compatible SDATA.
26, 27
SRC4_SATAT,
SRC4_SATAC
O, DIF Differential serial reference clock. Recommended output for SATA.
24, 25, 22,
23, 19, 20,
17, 18, 31, 30
SRCT/C
O, DIF Differential serial reference clocks.
11
VDD_48
PWR
3.3V power supply for outputs.
42
VDD_CPU
PWR
3.3V power supply for outputs.
1,7
VDD_PCI
PWR
3.3V power supply for outputs.
48
VDD_REF
PWR
3.3V power supply for outputs.
21, 28, 34
VDD_SRC
PWR
3.3V power supply for outputs.
37
VDDA
PWR
3.3V power supply for PLL.
13
VSS_48
GND
Ground for outputs.
45
VSS_CPU
GND
Ground for outputs.
2,6
VSS_PCI
GND
Ground for outputs.
51
VSS_REF
GND
Ground for outputs.
29
VSS_SRC
GND
Ground for outputs.
38
VSSA
GND
Ground for PLL.
10
VTT_PWRGD#/PD
I
3.3V LVTTL input is a level sensitive strobe used to latch the USB_48/FS_A,
FS_B, FS_C/TEST_SEL and PCIF0/ITP_EN inputs. After VTT_PWRGD#
(active LOW) assertion, this pin becomes a real-time input for asserting
power-down (active HIGH).


Similar Part No. - CY28441ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28441ZXCT CYPRESS-CY28441ZXCT Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
More results

Similar Description - CY28441ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442-2 CYPRESS-CY28442-2 Datasheet
300Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28442-2 SPECTRALINEAR-CY28442-2 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 SPECTRALINEAR-CY28411-1 Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28411 CYPRESS-CY28411 Datasheet
262Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 CYPRESS-CY28411-1 Datasheet
245Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 CYPRESS-CY28442-2_05 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com