Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28439 Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CY28439
Description  Clock Generator for Intel Grantsdale Chipset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28439 Datasheet(HTML) 5 Page - SpectraLinear Inc

  CY28439 Datasheet HTML 1Page - SpectraLinear Inc CY28439 Datasheet HTML 2Page - SpectraLinear Inc CY28439 Datasheet HTML 3Page - SpectraLinear Inc CY28439 Datasheet HTML 4Page - SpectraLinear Inc CY28439 Datasheet HTML 5Page - SpectraLinear Inc CY28439 Datasheet HTML 6Page - SpectraLinear Inc CY28439 Datasheet HTML 7Page - SpectraLinear Inc CY28439 Datasheet HTML 8Page - SpectraLinear Inc CY28439 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
CY28439
Rev 1.0, November 21, 2006
Page 5 of 21
Control Registers
Byte 0: Control Register 0
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
1
SRC[T/C]4
SRC[T/C]4 Output Enable
0 = Disable (Tri-state), 1 = Enable
5
1
SRC[T/C]3
SRC[T/C]3 Output Enable
0 = Disable (Tri-state), 1 = Enable
4
1
SATA[T/C]
SATA[T/C] Output Enable
0 = Disable (Tri-state), 1 = Enable
3
1
SRC[T/C]2
SRC[T/C]2 Output Enable
0 = Disable (Tri-state), 1 = Enable
2
1
SRC[T/C]1
SRC[T/C]1 Output Enable
0 = Disable (Tri-state), 1 = Enable
1
1
RESERVED
RESERVED
0
1
SRC[T/C]0
SRC[T/C]0 Output Enable
0 = Disable (Tri-state), 1 = Enable
Byte 1: Control Register 1
Bit
@Pup
Name
Description
7
1
PCIF0
PCIF0 Output Enable
0 = Disabled, 1 = Enabled
6
1
DOT_96[T/C]
DOT_96 MHz Output Enable
0 = Disable (Tri-state), 1 = Enabled
5
1
24_48M
24_48 MHz Output Enable
0 = Disabled, 1 = Enabled
4
1
REF0
REF0 Output Enable
0 = Disabled, 1 = Enabled
3
0
RESERVED
RESERVED
2
1
CPU[T/C]1
CPU[T/C]1 Output Enable
0 = Disable (Tri-state), 1 = Enabled
1
1
CPU[T/C]0
CPU[T/C]0 Output Enable
0 = Disable (Tri-state), 1 = Enabled
0
1
CPU
PLL1 (CPU PLL) Spread Spectrum Enable
0 = Spread off, 1 = Spread on
Byte 2: Control Register 2
Bit
@Pup
Name
Description
7
1
PCI5
PCI5 Output Enable
0 = Disabled, 1 = Enabled
6
1
PCI4
PCI4 Output Enable
0 = Disabled, 1 = Enabled
5
1
PCI3
PCI3 Output Enable
0 = Disabled, 1 = Enabled
4
1
PCI2
PCI2 Output Enable
0 = Disabled, 1 = Enabled
3
1
PCI1
PCI1 Output Enable
0 = Disabled, 1 = Enabled
2
1
PCI0
PCI0 Output Enable
0 = Disabled, 1 = Enabled
1
1
PCIF2
PCIF2 Output Enable
0 = Disabled, 1 = Enabled


Similar Part No. - CY28439

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28439OXC CYPRESS-CY28439OXC Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439OXC-2 SPECTRALINEAR-CY28439OXC-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28439

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com