Part Name
         Description
CY28439

 Clock Generator for Intel Grantsdale Chipset ( 21 Page)


SPECTRALINEAR
100% 
Zoom Out Zoom In
 
 2 page
background image
CY28439
Rev 1.0, November 21, 2006
Page 2 of 21
Pin Description
Pin No.
Name
Type
Description
6,56
VDD_PCI
PWR
3.3V power supply for outputs.
1,5
VSS_PCI
GND
Ground for outputs.
3
FS_E/PCI4
I,O,
PU,SE
3.3V-tolerant input for CPU frequency selection/33-MHz clock.
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
2,4,53,54,
55
PCI
O, SE 33-MHz clocks.
7PCIF0
O,SE
33-MHz free running clock
8
FS_A/PCIF1
I/O,PD,
SE
3.3V-tolerant input for CPU frequency selection/Free running 33-MHz clock.
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
9
FS_B/PCIF2
I/O,PU,
SE
3.3V-tolerant input for CPU frequency selection/Free running 33-MHz clock.
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
16
VTT_PWRGD#/PD
I, PD
3.3V LVTTL input. This pin is a level sensitive strobe used to latch the FS_A, FS_B,
FS_C,FS_D, FS_E, SEL24_48. After VTT_PWRGD# (active LOW) assertion, this pin
becomes a real-time input for asserting power down (active HIGH).
10
VDD_48
PWR
3.3V power supply for outputs.
11
SEL24_48#/24_48
M
I/O, PD,
SE
Latched select input for 24-/48-MHz output/ 24-/48-MHz output
0 = 48 MHz, 1 = 24 MHz
12
USB48
I/O,
48-MHz clock output.
13
VSS_48
GND
Ground for outputs.
14,15
DOT96T, DOT96C
O, DIF Fixed 96-MHz clock output.
17,18,21,
22,23,24,
30,31,32,
33
SRCT/C
O, DIF Differential serial reference clocks. Outputs have overclocking capability.
19,28,34
VDD_SRC
PWR
3.3V power supply for outputs.
26,27
SRCT/C_SATAT/C
O, DIF Differential serial reference clock. Recommended output for SATA.
20,25,29
VSS_SRC
GND
Ground for outputs.
35
VDDA
PWR
3.3V power supply for PLL.
36
VSSA
GND
Ground for PLL.
37
IREF
I
A precision resistor is attached to this pin, which is connected to the internal current
reference.
41
VDD_CPU
PWR
3.3V power supply for outputs.
39,40,42,43 CPUT/C
O, DIF Differential CPU clock outputs.
38
VSS_CPU
GND
Ground for outputs.
45
SCLK
I
SMBus-compatible SCLOCK.
44
SDATA
I/O
SMBus-compatible SDATA.
46
VDD_REF
PWR
3.3V power supply for outputs.
47
XOUT
O, SE 14.318-MHz crystal output.
48
XIN
I
14.318-MHz crystal input.
49
VSS_REF
GND
Ground for outputs.
50
REF0/FS_D
I/O, SE,
PD
3.3V-tolerant input for CPU frequency selection/Reference clock. Refer to DC
Electrical Specifications table for Vil_FS and Vih_FS specifications.
51
REF1/FS_C
O, SE,
PD
3.3V-tolerant input for CPU frequency selection/Reference clock.
Selects test mode if pulled to VIHFS_C when VTT_PWRGD# is asserted low.
Refer to DC Electrical Specifications table for VILFS_C,VIMFS_C,VIHFS_C specifica-
tions.
52
SRESET#
O, SE 3.3V output for Watchdog reset.
This output is open drain type with a high (>100-k ) internal pull-up resistor.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CY28437Clock Generator for Intel Grantsdale Chipset 1 2 3 4 5 MoreSpectraLinear Inc
CY28410Clock Generator for Intel Grantsdale Chipset 1 2 3 4 5 MoreSpectraLinear Inc
CY28410-2Clock Generator for Intel Grantsdale Chipset 1 2 3 4 5 MoreSpectraLinear Inc
CY28435Clock Generator for Intel Grantsdale Chipset 1 2 3 4 5 MoreSpectraLinear Inc
C9812Low EMI Clock Generator for Intel 810E Chipset Systems 1 2 3 4 5 MoreCypress Semiconductor
W83194BR-603Winbond Clock Generator For INTEL P4 Springdale Series Chipset 1 2 3 4 5 MoreWinbond
W83194BR-SDWinbond Clock Generator For INTEL P4 Springdale Series Chipset 1 2 3 4 5 MoreWinbond
CY28411Clock Generator for Intel Alviso Chipset 1 2 3 4 5 MoreSpectraLinear Inc
CY28411-1Clock Generator for Intel Alviso Chipset 1 2 3 4 5 MoreSpectraLinear Inc
CY28412Clock Generator for IntelĀ® Grantsdale Chipset 1 2 3 4 5 MoreSpectraLinear Inc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl