Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28419ZC Datasheet(PDF) 11 Page - SpectraLinear Inc

Part # CY28419ZC
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28419ZC Datasheet(HTML) 11 Page - SpectraLinear Inc

Back Button CY28419ZC Datasheet HTML 7Page - SpectraLinear Inc CY28419ZC Datasheet HTML 8Page - SpectraLinear Inc CY28419ZC Datasheet HTML 9Page - SpectraLinear Inc CY28419ZC Datasheet HTML 10Page - SpectraLinear Inc CY28419ZC Datasheet HTML 11Page - SpectraLinear Inc CY28419ZC Datasheet HTML 12Page - SpectraLinear Inc CY28419ZC Datasheet HTML 13Page - SpectraLinear Inc CY28419ZC Datasheet HTML 14Page - SpectraLinear Inc CY28419ZC Datasheet HTML 15Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY28419
Rev 1.0, November 22, 2006
Page 11 of 15
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Core Supply Voltage
–0.5
4.6
V
VDD_A
Analog Supply Voltage
–0.5
4.6
V
VIN
Input Voltage
Relative to V SS
–0.5
VDD + 0.5
VDC
TS
Temperature, Storage
Non-functional
–65
+150
°C
TA
Temperature, Operating Ambient
Functional
0
70
°C
TJ
Temperature, Junction
Functional
150
°C
ØJC
Dissipation, Junction to Case
Mil-Spec 883E Method 1012.1
15
°C/W
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
45
°C/W
ESDHBM
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
2000
V
UL-94
Flammability Rating
At 1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
Multiple Supplies: The Voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing
is NOT required.
DC Electrical Specifications
Parameter
Description
Conditions
Min.
Max.
Unit
VDD, VDD_A 3.3 Operating Voltage
3.3V ± 5%
3.135
3.465
V
VILI2C
Input Low Voltage
SDATA, SCLK
1.0
V
VIHI2C
Input High Voltage
SDATA, SCLK
2.2
V
VIL
Input Low Voltage
VSS – 0.5
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.5
V
IIL
Input Leakage Current
except Pull-ups or Pull-downs 0 < VIN < VDD
–5
5
A
IILI2C
Input High Voltage
SDATA, SCLK
2.2
V
VOL
Output Low Voltage
IOL = 1 mA
0.4
V
VOH
Output High Voltage
IOH = –1 mA
2.4
V
IOZ
High-impedance Output Current
–10
10
A
CIN
Input Pin Capacitance
2
5
pF
COUT
Output Pin Capacitance
3
6
pF
LIN
Pin Inductance
–7
nH
VXIH
Xin High Voltage
0.7VDD
VDD
V
VXIL
Xin Low Voltage
0
0.3VDD
V
IDD
Dynamic Supply Current
At 200 MHz and all outputs loaded per Table 9
and Figure 7
–280
mA
IPD
Power-down Supply Current
PD# asserted, Outputs Three-stated
1
mA
AC Electrical Specifications
Parameter
Description
Conditions
Min.
Max.
Unit
Crystal
TDC
XIN Duty Cycle
The device will operate reliably with input duty
cycles up to 30/70 but the REF clock duty cycle
will not be within specification
47.5
52.5
%
TPERIOD
XIN Period
When XIN is driven from an external clock source 69.841
71.0
ns
TR / TF
XIN Rise and Fall Times
Measured between 0.3VDD and 0.7VDD
10.0
ns
TCCJ
XIN Cycle-to-Cycle Jitter
As an average over 1- s duration
500
ps
LACC
Long-term Accuracy
Over 150 ms
300
ppm


Similar Part No. - CY28419ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28419ZC CYPRESS-CY28419ZC Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28419ZCT CYPRESS-CY28419ZCT Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28419ZC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409 Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28419 CYPRESS-CY28419 Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409 SPECTRALINEAR-CY28409 Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409_06 Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com