Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28416OXC Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # CY28416OXC
Description  Next Generation FTG for Intel짰 Architecture
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28416OXC Datasheet(HTML) 2 Page - SpectraLinear Inc

  CY28416OXC Datasheet HTML 1Page - SpectraLinear Inc CY28416OXC Datasheet HTML 2Page - SpectraLinear Inc CY28416OXC Datasheet HTML 3Page - SpectraLinear Inc CY28416OXC Datasheet HTML 4Page - SpectraLinear Inc CY28416OXC Datasheet HTML 5Page - SpectraLinear Inc CY28416OXC Datasheet HTML 6Page - SpectraLinear Inc CY28416OXC Datasheet HTML 7Page - SpectraLinear Inc CY28416OXC Datasheet HTML 8Page - SpectraLinear Inc CY28416OXC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CY28416
Rev 1.0, November 22, 2006
Page 2 of 14
Pin Definition
Pin No.
Name
Type
Description
47,46,44,43
CPUT/C[0:1]
O, DIF Differential CPU clock output.
39,38
CPUT2_ITP/SRCT4
CPUC2_ITP/SRCC4
O, DIF Selectable Differential CPU or SRC clock output.
ITP_EN = 0 @VTT_PWRGD# assertion PIN 39,38 = SRCT4,SRCC4
ITP_EN = 1 @VTT_PWRGD# assertion PIN 39,38 = CPUT2_ITP,CPUC2_ITP
23,24
DOT96T, DOT96C
O, DIF Differential 96 MHz clock output.
6
FS_A/REF1
I/O, SE 3.3V tolerant input for CPU frequency/REF clock
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications
.
20
FS_B/48 MHz0
I/O, SE 3.3V tolerant input for CPU frequency/48 MHz clock
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications
.
7
FS_C/REF0
I
/O, SE 3.3V tolerant input for CPU frequency/REF clock
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications
.
42
IREF
I
A precision resistor is attached to this pin, which is connected to the internal
current reference.
18
ITP_EN/PCIF1
I/O, SE Enable SRC4 or CPU2_ITP/PCIF clock.
(sampled on the VTT_PWRGD# assertion). 0 = SRC4, 1 = CPU2_ITP
9,10,13,14
PCI
O, SE 33 MHz clock output.
21
48 MHz1
O, SE 48 MHz clock output. (Uses same control SMBus register as 48 MHz0 to control
enable/disable.)
1
SCLK
I
SMBus compatible SCLOCK.
2
SDATA
I/O
SMBus compatible SDATA.
26,27,29,30,
34,35
SRCT/C[0:3]
O, DIF Differential Serial reference clock.
31,32
SRCT2_SATA,
SRCC2_SATA
O, DIF Differential Serial reference clock. Recommended output for SATA
17
TEST_SEL/PCIF0
I/O, SE,
PD
LVTTL input for selecting HI-Z or Normal operation/33 MHz Clock
0 = Normal operation, 1 = HI-Z when VTT_PWRGD# is sampled
19
VDD_48
PWR
3.3V power supply for outputs
45
VDD_CPU
PWR
3.3V power supply for outputs
11, 16
VDD_PCI
PWR
3.3V power supply for outputs
8
VDD_REF
PWR
3.3V power supply for outputs
33, 37
VDD_SRC
PWR
3.3V power supply for outputs
40
VDDA
PWR
3.3V power supply for PLL
22
VSS_48
GND
Ground for outputs
48
VSS_CPU
GND
Ground for outputs
12, 15
VSS_PCI
GND
Ground for outputs
5
VSS_REF
GND
Ground for outputs
28, 36
VSS_SRC
GND
Ground for outputs
41
VSSA
GND
Ground for PLL
25
VTT_PWRGD#/PD
I, PD
3.3V LVTTL Input. This pin is a level-sensitive strobe used to latch the FS_A,
FS_B, FS_C/TEST_SEL, and PCIF0/ITP_EN Inputs. After asserting
VTT_PWRGD# (active LOW), this pin becomes a realtime input for asserting
power-down (active HIGH)
4
XIN
I
14.318 MHz Crystal Input
3
XOUT
O
14.318 MHz Crystal Output


Similar Part No. - CY28416OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28416OXC CYPRESS-CY28416OXC Datasheet
276Kb / 15P
   Next Generation FTG for Intel-R Architecture
CY28416OXCT CYPRESS-CY28416OXCT Datasheet
276Kb / 15P
   Next Generation FTG for Intel-R Architecture
More results

Similar Description - CY28416OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28416 CYPRESS-CY28416 Datasheet
276Kb / 15P
   Next Generation FTG for Intel-R Architecture
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
   Interworking Controller Next Generation
2003
logo
Cypress Semiconductor
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349 SPECTRALINEAR-CY28349 Datasheet
233Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
List of Unclassifed Man...
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
   next generation power source
logo
SpectraLinear Inc
CY28323PVC SPECTRALINEAR-CY28323PVC Datasheet
235Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28324 SPECTRALINEAR-CY28324 Datasheet
207Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349B SPECTRALINEAR-CY28349B Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com