Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28410OXC Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # CY28410OXC
Description  Clock Generator for Intel Grantsdale Chipset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28410OXC Datasheet(HTML) 7 Page - SpectraLinear Inc

Back Button CY28410OXC Datasheet HTML 3Page - SpectraLinear Inc CY28410OXC Datasheet HTML 4Page - SpectraLinear Inc CY28410OXC Datasheet HTML 5Page - SpectraLinear Inc CY28410OXC Datasheet HTML 6Page - SpectraLinear Inc CY28410OXC Datasheet HTML 7Page - SpectraLinear Inc CY28410OXC Datasheet HTML 8Page - SpectraLinear Inc CY28410OXC Datasheet HTML 9Page - SpectraLinear Inc CY28410OXC Datasheet HTML 10Page - SpectraLinear Inc CY28410OXC Datasheet HTML 11Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY28410
Rev 1.0, November 21, 2006
Page 7 of 17
Crystal Recommendations
The CY28410 requires a Parallel Resonance Crystal. Substi-
tuting a series resonance crystal will cause the CY28410 to
operate at the wrong frequency and \violate the ppm specifi-
cation. For most applications there is a 300ppm frequency shift
between series and parallel crystals due to incorrect loading.
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low ppm performance, the total capacitance
the crystal will see must be considered to calculate the appro-
priate capacitive loading (CL).
The following diagram shows a typical crystal configuration
using the two trim capacitors. An important clarification for the
following discussion is that the trim capacitors are in series
with the crystal not parallel. It’s a common misconception that
load capacitors are in parallel with the crystal and should be
approximately equal to the load capacitance of the crystal.
This is not true.
2
Externally
selected
CPUT/C
FS_C. Reflects the value of the FS_C pin sampled on power-up
0 = FS_C was low during VTT_PWRGD# assertion
1
Externally
selected
CPUT/C
FS_B. Reflects the value of the FS_B pin sampled on power-up
0 = FS_B was low during VTT_PWRGD# assertion
0
Externally
selected
CPUT/C
FS_A. Reflects the value of the FS_A pin sampled on power-up
0 = FS_A was low during VTT_PWRGD# assertion
Byte 7: Vendor ID
Bit
@Pup
Name
Description
7
0
Revision Code Bit 3
Revision Code Bit 3
6
0
Revision Code Bit 2
Revision Code Bit 2
5
1
Revision Code Bit 1
Revision Code Bit 1
4
0
Revision Code Bit 0
Revision Code Bit 0
3
1
Vendor ID Bit 3
Vendor ID Bit 3
2
0
Vendor ID Bit 2
Vendor ID Bit 2
1
0
Vendor ID Bit 1
Vendor ID Bit 1
0
0
Vendor ID Bit 0
Vendor ID Bit 0
Byte 6: Control Register 6 (continued)
Bit
@Pup
Name
Description
Table 5. Crystal Recommendations
Frequency
(Fund)
Cut
Loading Load Cap
Drive
(max.)
Shunt Cap
(max.)
Motional
(max.)
Tolerance
(max.)
Stability
(max.)
Aging
(max.)
14.31818 MHz
AT
Parallel
20 pF
0.1 mW
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm


Similar Part No. - CY28410OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28410OXC CYPRESS-CY28410OXC Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410OXC-2 SPECTRALINEAR-CY28410OXC-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410OXC-2 CYPRESS-CY28410OXC-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410OXC-2T SPECTRALINEAR-CY28410OXC-2T Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410OXC-2T CYPRESS-CY28410OXC-2T Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28410OXC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com