Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4051BIM3X-ADJ Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4051BIM3X-ADJ
Description  Precision Micropower Shunt Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4051BIM3X-ADJ Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4051BIM3X-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM4051BIM3X-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM4051BIM3X-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM4051BIM3X-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM4051BIM3X-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM4051BIM3X-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM4051BIM3X-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM4051BIM3X-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM4051BIM3X-ADJ Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Functional Block Diagram
10122221
*LM4051-ADJ only
**LM4051-1.2 only
Applications Information
The LM4051 is a precision micro-power curvature-corrected
bandgap shunt voltage reference. For space critical applica-
tions, the LM4051 is available in the sub-miniature SOT-23
surface-mount package. The LM4051 has been designed for
stable operation without the need of an external capacitor
connected between the “+” pin and the “−” pin. If, however, a
bypass capacitor is used, the LM4051 remains stable. De-
sign effort is further reduced with the choice of either a fixed
1.2V or an adjustable reverse breakdown voltage. The mini-
mum operating current is 60 µA for the LM4051-1.2 and the
LM4051-ADJ. Both versions have a maximum operating
current of 12 mA.
LM4051s using the SOT-23 package have pin 3 connected
as the (-) output through the package’s die attach interface.
Therefore, the LM4051-1.2’s pin 3 must be left floating or
connected to pin 2 and the LM4051-ADJ’s pin 3 is the (-)
output.
The typical thermal hysteresis specification is defined as the
change in +25˚C voltage measured after thermal cycling.
The device is thermal cycled to temperature -40˚C and then
measured at 25˚C. Next the device is thermal cycled to
temperature +125˚C and again measured at 25˚C. The re-
sulting V
OUT delta shift between the 25˚C measurements is
thermal hysteresis. Thermal hysteresis is common in preci-
sion references and is induced by thermal-mechanical pack-
age stress. Changes in environmental storage temperature,
operating temperature and board mounting temperature are
all factors that can contribute to thermal hysteresis.
In a conventional shunt regulator application (Figure 1), an
external series resistor (R
S) is connected between the sup-
ply voltage and the LM4051. R
S determines the current that
flows through the load (I
L) and the LM4051 (IQ). Since load
current and supply voltage may vary, R
S should be small
enough to supply at least the minimum acceptable I
Q to the
LM4051 even when the supply voltage is at its minimum and
the load current is at its maximum value. When the supply
voltage is at its maximum and I
L is at its minimum, RS should
be large enough so that the current flowing through the
LM4051 is less than 12 mA.
R
S should be selected based on the supply voltage, (VS), the
desired load and operating current, (I
L and IQ), and the
LM4051’s reverse breakdown voltage, V
R.
The LM4051-ADJ’s output voltage can be adjusted to any
value in the range of 1.24V through 10V. It is a function of the
internal reference voltage (V
REF) and the ratio of the external
feedback resistors as shown in Figure 2 . The output voltage
is found using the equation
V
O =VREF[(R2/R1) + 1]
(1)
(2)
where V
O is the output voltage. The actual value of the
internal V
REF is a function of VO. The “corrected” VREF is
determined by
V
REF =VO (
∆V
REF/
∆V
O)+VY
(3)
where
V
Y = 1.22V
∆V
REF/
∆V
O is found in the Electrical Characteristics and is
typically −1.55 mV/V. You can get a more accurate indication
of the output voltage by replacing the value of V
REF in
equation (1) with the value found using equation (3).
www.national.com
9


Similar Part No. - LM4051BIM3X-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051BIM3X-ADJ NSC-LM4051BIM3X-ADJ Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4051BIM3X-ADJ TI1-LM4051BIM3X-ADJ Datasheet
779Kb / 16P
[Old version datasheet]   LM4051 Precision Micropower Shunt Voltage Reference
LM4051BIM3X-ADJ TI-LM4051BIM3X-ADJ Datasheet
725Kb / 16P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4051BIM3X-ADJ/NOPB TI-LM4051BIM3X-ADJ/NOPB Datasheet
725Kb / 16P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4051BIM3X-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com