Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6260 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6260
Description  4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 5Page - STMicroelectronics L6260 Datasheet HTML 6Page - STMicroelectronics L6260 Datasheet HTML 7Page - STMicroelectronics L6260 Datasheet HTML 8Page - STMicroelectronics L6260 Datasheet HTML 9Page - STMicroelectronics L6260 Datasheet HTML 10Page - STMicroelectronics L6260 Datasheet HTML 11Page - STMicroelectronics L6260 Datasheet HTML 12Page - STMicroelectronics L6260 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
INTERNAL REGISTER DEFINITION
System Status Register (Reg 0)
Reg: 0
Name: System Status Register
Type: Read only.
BIT
LABEL
DESCRIPTION
@POR
0
THERMAL
Thermal shutdown = 1, normal = 0. One signifies that the chip
temperature has exceeded the 180
°C. The bit will reset when the
temperature falls from 180
°C to 140°C (the hysteresis prevents
rapid changing of this bit). When this bit is activated, the spindle
logic will tristate both high and low side drivers to allow the disk to
coast and cool down the chip.
0
1
UV
Under Voltage=0, good voltage =1. This signals whether the under
voltage circuit has been activated or not. NOTE: When UV=0, the
POR is activated and all serial port control logic is reset. This
means that writes are impossible, however, the user can still poll
the status of this register provided the logic voltage is sufficient for
the logic to function.
0
2
FLL_UP
Providing mainly for testing. When the FLL is sourcing current into
the charge pump capacitor this is set to 1. A 0 means that the
sourcing current is disabled.
0
3
FLL_DOWN
Providing mainly for testing. When the FLL is sinking current from
the charge pump capacitor this is set to 1. A 0 means that the
sourcing current is disabled.
0
4
BEMF_SENSE
Toggles with BEMF.
0
5
MASK_TIME
Mask time currently in use = 1. When 1 this means the BEMF
comparator will not sense the zero crossing at this time. A 0
means zero crossing sensing will occur.
0
6
DELAY
Delay time currently in use = 1. e.g. A commutation delay is active
and at the end of this delay the next commutation is executed.
0
7
AT_SPEED
1=spindle is at speed (set by the first ”down pulse” of the FLL. It is
reset at POR.
0
8
UNUSED
0
9
UNUSED
0
10
UNUSED
0
11
UNUSED
0
L6260
9/30


Similar Part No. - L6260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
More results

Similar Description - L6260

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
   5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
April 1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
logo
Hitachi Semiconductor
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com