Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8604ARU-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD8604ARU-REEL
Description  Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8604ARU-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8604ARU-REEL Datasheet HTML 6Page - Analog Devices AD8604ARU-REEL Datasheet HTML 7Page - Analog Devices AD8604ARU-REEL Datasheet HTML 8Page - Analog Devices AD8604ARU-REEL Datasheet HTML 9Page - Analog Devices AD8604ARU-REEL Datasheet HTML 10Page - Analog Devices AD8604ARU-REEL Datasheet HTML 11Page - Analog Devices AD8604ARU-REEL Datasheet HTML 12Page - Analog Devices AD8604ARU-REEL Datasheet HTML 13Page - Analog Devices AD8604ARU-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. D
–10–
AD8601/AD8602/AD8604
FREQUENCY – Hz
0.1
0.0001
0.001
0.01
20
20k
100
1k
10k
VS = 5V
TA = 25 C
RL = 600
RL = 2k
RL = 10k
RL = 10k
RL = 2k
RL = 600
G = 10
G = 1
TPC 34. Total Harmonic Distortion + Noise vs. Frequency
VS = 2.7V
TA = 25 C
FREQUENCY – kHz
0
05
10
15
20
25
8
16
24
32
40
48
56
64
TPC 35. Voltage Noise Density vs. Frequency
VS = 2.7V
TA = 25 C
FREQUENCY – kHz
0
0
0.5
1.0
1.5
2.0
2.5
26
52
78
104
130
156
182
208
TPC 36. Voltage Noise Density vs. Frequency
40
125
20
65
25
10
535
50
8095
110
TEMPERATURE – C
1.2
1.0
0
0.8
0.6
0.4
0.2
VS = 5V
TPC 31. Supply Current per Amplifier vs. Temperature
40
125
20
65
25
10
535
50
8095
110
TEMPERATURE – C
1.0
0.8
0
0.6
0.4
0.2
VS = 3V
TPC 32. Supply Current per Amplifier vs. Temperature
SUPPLY VOLTAGE – V
0.8
0
0.7
0.4
0.3
0.2
0.1
0.6
0.5
0
6
12
3
4
5
TPC 33. Supply Current per Amplifier vs. Supply Voltage


Similar Part No. - AD8604ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8604ARUZ AD-AD8604ARUZ Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8604ARUZ AD-AD8604ARUZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8604ARUZ-REEL AD-AD8604ARUZ-REEL Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8604ARUZ-REEL AD-AD8604ARUZ-REEL Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results

Similar Description - AD8604ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601 Datasheet
255Kb / 16P
   Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. 0
AD8602AR-REEL7 AD-AD8602AR-REEL7 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com