Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8604DR Datasheet(PDF) 7 Page - Analog Devices

Part # AD8604DR
Description  Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8604DR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8604DR Datasheet HTML 3Page - Analog Devices AD8604DR Datasheet HTML 4Page - Analog Devices AD8604DR Datasheet HTML 5Page - Analog Devices AD8604DR Datasheet HTML 6Page - Analog Devices AD8604DR Datasheet HTML 7Page - Analog Devices AD8604DR Datasheet HTML 8Page - Analog Devices AD8604DR Datasheet HTML 9Page - Analog Devices AD8604DR Datasheet HTML 10Page - Analog Devices AD8604DR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. D
AD8601/AD8602/AD8604
–7–
40
125
20
65
25
10
535
50
8095
110
TEMPERATURE – C
35
30
0
20
15
5
VOL @ 1mA LOAD
VS = 2.7V
10
25
TPC 16. Output Voltage Swing vs. Temperature
40
125
20
65
25
10
535
50
8095
110
TEMPERATURE – C
2.67
2.66
2.62
2.64
VOH @ 1mA LOAD
VS = 2.7V
2.63
2.65
TPC 17. Output Voltage Swing vs. Temperature
FREQUENCY – Hz
1k
100M
10k
100k
1M
10M
80
60
40
20
0
45
90
135
180
VS = 3V
RL = NO LOAD
TA = 25 C
100
–20
–40
–60
TPC 18. Open-Loop Gain and Phase vs. Frequency
LOAD CURRENT – mA
10k
10
0.1
0.001
100
0.01
0.1
1
10
1
100
SOURCE
SINK
1k
VS = 5V
TA = 25 C
TPC 13. Output Voltage to Supply Rail vs. Load Current
40
125
20
65
25
10
535
50
8095
110
TEMPERATURE – C
5.1
5.0
4.5
4.9
4.8
4.7
4.6
VS = 5V
VOH @ 1mA LOAD
VOH @ 10mA LOAD
TPC 14. Output Voltage Swing vs. Temperature
40
125
20
65
25
10
535
50
8095
110
TEMPERATURE – C
250
0
200
150
100
50
VOL @ 10mA LOAD
VS = 5V
VOL @ 1mA LOAD
TPC 15. Output Voltage Swing vs. Temperature


Similar Part No. - AD8604DR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8604DRU AD-AD8604DRU Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8604DRU AD-AD8604DRU Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8604DRU-REEL AD-AD8604DRU-REEL Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8604DRU-REEL AD-AD8604DRU-REEL Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8604DRUZ AD-AD8604DRUZ Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results

Similar Description - AD8604DR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601 Datasheet
255Kb / 16P
   Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. 0
AD8602AR-REEL7 AD-AD8602AR-REEL7 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com