Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6254 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6254
Description  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6254 Datasheet(HTML) 4 Page - STMicroelectronics

  L6254 Datasheet HTML 1Page - STMicroelectronics L6254 Datasheet HTML 2Page - STMicroelectronics L6254 Datasheet HTML 3Page - STMicroelectronics L6254 Datasheet HTML 4Page - STMicroelectronics L6254 Datasheet HTML 5Page - STMicroelectronics L6254 Datasheet HTML 6Page - STMicroelectronics L6254 Datasheet HTML 7Page - STMicroelectronics L6254 Datasheet HTML 8Page - STMicroelectronics L6254 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ELECTRICAL CHARACTERISTICS (All specifications are for 0 < Tamb <70
°C, VCC = 12V; VDD = 5V,
FLL_RES = 62k
Ω, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER SUPPLIES
VCC
12V Supply
10.8
13.2
V
IVCC
VCC Current
SPINDLE + VCM
20
mA
SPINDLE ONLY
7
mA
VCM ONLY
12
mA
Vrectified
VCC Supply Rectified
3.5
13.2
V
Vdd
5V supply
4.5
5.5
V
IVdd
5V supply
SPINDLE + VCM
6
mA
SPINDLE ONLY
7
mA
VCM ONLY
12
mA
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Maximum Supply voltage
-0.5 to 14
V
Vdd
Maximum Logic supply
-0.5 to 6
V
Vin max
Maximum digital input voltage
Vdd +0.3V
V
Vin min
Minimum digital input voltage
GND - 0.3V
V
SPINDLE Ipeak
Spindle peak sink/source output current
2.1
A
VCM Ipeak
VCM peak sink/source output current
1.6
A
Ptot (*)
Maximum Total Power Dissipation
≈ 1.7
W
Tstg,Tj
Maximum Storage/Junction Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction to Case
≈ 20
°C/W
Rth j-amb (*)
Thermal Resistance to Junction to ambient
≈ 40
≈ 25 with soldered slug
°C/W
°C/W
(*) In typical application with multilayer 120x120mm Printed Circuit Board.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply voltage
10.8 to 13.2
V
Vdd
Maximum Logic supply
4.5 to 5.5
V
Tamb
Operating Ambient Temperature
0 to 70
°C
Tj
Junction Temperature
0 to 125
°C
L6254
4/17


Similar Part No. - L6254

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6256 STMICROELECTRONICS-L6256 Datasheet
258Kb / 28P
   12V COMBO
December 1997
L6258 STMICROELECTRONICS-L6258 Datasheet
215Kb / 18P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
April 2000
L6258 STMICROELECTRONICS-L6258 Datasheet
314Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258E STMICROELECTRONICS-L6258E Datasheet
216Kb / 24P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258E STMICROELECTRONICS-L6258E Datasheet
308Kb / 31P
   PWM controlled high current DMOS universal motor driver
More results

Similar Description - L6254

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
   5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
   Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
   5V & 12V SPINDLE AND VCM MOTORS DRIVER
logo
Fairchild Semiconductor
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
   Floppy Disk Drive Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com