Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM60BIZ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM60BIZ
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM60BIZ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM60BIZ Datasheet HTML 1Page - National Semiconductor (TI) LM60BIZ Datasheet HTML 2Page - National Semiconductor (TI) LM60BIZ Datasheet HTML 3Page - National Semiconductor (TI) LM60BIZ Datasheet HTML 4Page - National Semiconductor (TI) LM60BIZ Datasheet HTML 5Page - National Semiconductor (TI) LM60BIZ Datasheet HTML 6Page - National Semiconductor (TI) LM60BIZ Datasheet HTML 7Page - National Semiconductor (TI) LM60BIZ Datasheet HTML 8Page - National Semiconductor (TI) LM60BIZ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ordering Information
Order
Number
Device
Top Mark
Supplied In
Accuracy Over
Specified
Temperature
Range
Specified
Temperature
Range
Package
Type
LM60BIM3
T6B
1000 Units, Tape and Reel
±3
−25˚C
≤ T
A
+125˚C
SOT-23
LM60BIM3X
T6B
3000 Units, Tape and Reel
LM60CIM3
T6C
1000 Units, Tape and Reel
±4
−40˚C
≤ T
A
+125˚C
LM60CIM3X
T6C
3000 Units, Tape and Reel
LM60BIZ
LM60BIZ
Bulk
±3
−25˚C
≤ T
A
+125˚C
TO-92
LM60CIZ
LM60CIZ
Bulk
±4
−40˚C
≤ T
A
+125˚C
www.national.com
2


Similar Part No. - LM60BIZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60BIZ NSC-LM60BIZ Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60BIZ TI-LM60BIZ Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIZ/LFT3 TI-LM60BIZ/LFT3 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIZ/LFT3 TI1-LM60BIZ/LFT3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIZ/NOPB TI-LM60BIZ/NOPB Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
More results

Similar Description - LM60BIZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
logo
National Semiconductor ...
LM62 NSC-LM62 Datasheet
218Kb / 7P
   2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com