Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8024 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8024
Description  Quad 350 MHz 24 V Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8024 Datasheet HTML 4Page - Analog Devices AD8024 Datasheet HTML 5Page - Analog Devices AD8024 Datasheet HTML 6Page - Analog Devices AD8024 Datasheet HTML 7Page - Analog Devices AD8024 Datasheet HTML 8Page - Analog Devices AD8024 Datasheet HTML 9Page - Analog Devices AD8024 Datasheet HTML 10Page - Analog Devices AD8024 Datasheet HTML 11Page - Analog Devices AD8024 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8024
–11–
REV. C
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Plastic SOIC
(R-16A)
16
9
8
1
0.1574 (4.00)
0.1497 (3.80)
0.3937 (10.00)
0.3859 (9.80)
0.050 (1.27)
BSC
PIN 1
0.2440 (6.20)
0.2284 (5.80)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
0.0500 (1.27)
0.0160 (0.41)
0.0099 (0.25)
0.0075 (0.19)


Similar Part No. - AD8024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024 Datasheet
164Kb / 11P
   Quad 350 MHz 24 V Amplifier
REV. B
AD8024AR-16 AD-AD8024AR-16 Datasheet
164Kb / 11P
   Quad 350 MHz 24 V Amplifier
REV. B
logo
Emerson Network Power
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
logo
Analog Devices
AD8024 AD-AD8024_15 Datasheet
374Kb / 13P
   Quad 350 MHz 24 V Amplifier
REV. C
AD8024 AD-AD8024_16 Datasheet
186Kb / 13P
   Quad 350 MHz 24 V Amplifier
More results

Similar Description - AD8024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024_16 Datasheet
186Kb / 13P
   Quad 350 MHz 24 V Amplifier
AD8024 AD-AD8024 Datasheet
164Kb / 11P
   Quad 350 MHz 24 V Amplifier
REV. B
AD8024 AD-AD8024_15 Datasheet
374Kb / 13P
   Quad 350 MHz 24 V Amplifier
REV. C
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
   350-450 MHz Amplifier Kit
5/30/14
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012_03 Datasheet
261Kb / 16P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
logo
Ultralife Corporation.
A-320V1-H ULTRALIFE-A-320V1-H Datasheet
300Kb / 2P
   20-Watt 350-450 MHz Amplifier
4/8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com