Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8042ARZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8042ARZ
Description  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042ARZ Datasheet(HTML) 2 Page - Analog Devices

  AD8042ARZ Datasheet HTML 1Page - Analog Devices AD8042ARZ Datasheet HTML 2Page - Analog Devices AD8042ARZ Datasheet HTML 3Page - Analog Devices AD8042ARZ Datasheet HTML 4Page - Analog Devices AD8042ARZ Datasheet HTML 5Page - Analog Devices AD8042ARZ Datasheet HTML 6Page - Analog Devices AD8042ARZ Datasheet HTML 7Page - Analog Devices AD8042ARZ Datasheet HTML 8Page - Analog Devices AD8042ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8042
Rev. E | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Connection Diagram ....................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 6
Maximum Power Dissipation ..................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ..............................................7
Applications Information .............................................................. 12
Circuit Description .................................................................... 12
Driving Capacitive Loads.......................................................... 12
Overdrive Recovery ................................................................... 12
Layout Considerations............................................................... 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
1
2/07—Rev. D to Rev. E
Changes to Figure 1 Caption........................................................... 1
Changes to Table 1............................................................................ 3
Changes to Figure 5.......................................................................... 7
Changes to Figure 20........................................................................ 9
Changes to Layout and Figure 35 ................................................. 12
Changes to Figure 38...................................................................... 13
Changes to Single-Ended-to-Differential Driver Section ......... 14
Updated Outline Dimensions ....................................................... 16
3/06—Rev. C to Rev. D
Changes to Text Prior to Table 2..................................................... 4
8/04—Rev. B to Rev. C
Changes to Ordering Guide ............................................................ 5
Changes to Outline Dimensions................................................... 15
7/02—Rev. A to Rev. B
Changes to Specifications ................................................................ 2


Similar Part No. - AD8042ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042ARZ AD-AD8042ARZ Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042ARZ-REEL AD-AD8042ARZ-REEL Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042ARZ-REEL7 AD-AD8042ARZ-REEL7 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
More results

Similar Description - AD8042ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com