Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8031ANZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8031ANZ
Description  2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031ANZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8031ANZ Datasheet HTML 5Page - Analog Devices AD8031ANZ Datasheet HTML 6Page - Analog Devices AD8031ANZ Datasheet HTML 7Page - Analog Devices AD8031ANZ Datasheet HTML 8Page - Analog Devices AD8031ANZ Datasheet HTML 9Page - Analog Devices AD8031ANZ Datasheet HTML 10Page - Analog Devices AD8031ANZ Datasheet HTML 11Page - Analog Devices AD8031ANZ Datasheet HTML 12Page - Analog Devices AD8031ANZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8031/AD8032
Rev. C | Page 9 of 20
10
0
–10
INPUT VOLTAGE (V)
100
90
10
0%
VS =5V
500mV
500mV
1V
–1.5
0.5
2.5
4.5
6.5
110
105
60
90
75
70
65
100
95
80
85
0
2k4k6k8k
10k
RLOAD (Ω)
VS =5V
+AOL
–AOL
Figure 20. Open-Loop Gain (A
Figure 23. Differential Input Overvoltage I-V Characteristics
) vs. R
OL
LOAD
86
84
76
82
80
78
–40 –30 –20 –10
0
10 20 30 40 50 60
70 80
90
TEMPERATURE (°C)
VS =5V
RL =1kΩ
–AOL
+AOL
0.05
–0.15
–0.05
–0.10
0
0.10
–0.10
0
–0.05
0.05
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
Figure 21. Open Loop Gain vs. (AOL) Temperature
Figure 24. Differential Gain and Phase @ V = ±5 V; R
S
L
= 1 kΩ
110
80
50
100
90
70
60
VOUT (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VS =5V
RLOAD =10kΩ
RLOAD =1kΩ
FREQUENCY (Hz)
100
30
0.3
10
3
1
100
10
1
0.1
10
100
1k
10k
100k
1M
10M
VS =5V
CURRENT NOISE
VOLTAGE NOISE
Figure 22. Open-Loop Gain (A ) vs. V
OL
OUT
Figure 25. Input Voltage Noise vs. Frequency


Similar Part No. - AD8031ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031ANZ AD-AD8031ANZ Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
More results

Similar Description - AD8031ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8031 AD-AD8031 Datasheet
247Kb / 16P
   2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
REV. B
AD8031ART AD-AD8031ART Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
3PEAK INC.
LMV321A 3PEAK-LMV321A Datasheet
1Mb / 19P
   80關A, 1.0MHz, Micro-Power Rail-to-Rail I/O Op Amps
logo
Analog Devices
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com