Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8065 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8065
Description  High Performance, 145 MHz FastFET??Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices AD8065 Datasheet HTML 10Page - Analog Devices AD8065 Datasheet HTML 11Page - Analog Devices AD8065 Datasheet HTML 12Page - Analog Devices AD8065 Datasheet HTML 13Page - Analog Devices AD8065 Datasheet HTML 14Page - Analog Devices AD8065 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8065/AD8066
Rev. G | Page 11 of 28
G = +1
50mV/DIV
25ns/DIV
Figure 22. Small Signal Transient Response 5 V Supply (See Figure 42)
G = +1
2V/DIV
50ns/DIV
VS = ±12V
VOUT = 2V p-p
VOUT = 4V p-p
VOUT = 10V p-p
Figure 23. Large Signal Transient Response (See Figure 42)
2.0V/DIV
100ns/DIV
G = –1
VS = ±5V
Figure 24. Output Overdrive Recovery (See Figure 44)
G = +1
50mV/DIV
25ns/DIV
CL = 5pF
CL = 20pF
Figure 25. Small Signal Transient Response ±5 V (See Figure 42)
5µs
G = +2
2V/DIV
50ns/DIV
VS = ±12V
VOUT = 10V p-p
VOUT = 2V p-p
Figure 26. Large Signal Transient Response (See Figure 43)
2.0V/DIV
100ns/DIV
G = +1
VS = ±5V
Figure 27. Input Overdrive Recovery (See Figure 42)


Similar Part No. - AD8065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065 AD-AD8065 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD8065 AD-AD8065 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8065 AD-AD8065 Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD8065 AD-AD8065 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results

Similar Description - AD8065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com