Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8004AN Datasheet(PDF) 3 Page - Analog Devices

Part # AD8004AN
Description  Quad 3000 V/?? 35 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8004AN Datasheet(HTML) 3 Page - Analog Devices

  AD8004AN Datasheet HTML 1Page - Analog Devices AD8004AN Datasheet HTML 2Page - Analog Devices AD8004AN Datasheet HTML 3Page - Analog Devices AD8004AN Datasheet HTML 4Page - Analog Devices AD8004AN Datasheet HTML 5Page - Analog Devices AD8004AN Datasheet HTML 6Page - Analog Devices AD8004AN Datasheet HTML 7Page - Analog Devices AD8004AN Datasheet HTML 8Page - Analog Devices AD8004AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. C
–3–
AD8004
AD8004A
AD8004S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth, N Package
G = +2, RF = 698
150
MHz
G = +1, RF = 806
200
MHz
Bandwidth for 0.1 dB Flatness
G = +2
30
30
MHz
Slew Rate
G = +2, VO = 2 V Step
1100
1100
V/
µs
Settling Time to 0.1%
G = +2, VO = 2 V Step
24
24
ns
Rise and Fall Time (10%
to 90%)
G = +2, VO = 2 V Step
2.3
2.3
ns
NOISE/HARMONIC
PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, RL = 1 k
–65
–65
dBc
Crosstalk, R Package,
Worst Case
f = 5 MHz, G = +2, RL = 1 k
–69
dB
Crosstalk, N Package,
Worst Case
f = 5 MHz, G = +2, RL = 1 k
–64
dB
Input Voltage Noise
f = 10 kHz
1.5
1.5
nV/
√Hz
Input Current Noise
f = 10 kHz, +In
38
38
pA/
√Hz
–In
38
38
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RL = 150
Ω, RF = 1.21 kΩ
0.06
0.06
%
Differential Phase Error
NTSC, G = +2, RL = 150
Ω, R
F = 1.21 k
0.25
0.25
Degree
Differential Gain Error
NTSC, G = +2, RL = 1 k
Ω, RF = 1.21 kΩ
0.01
0.01
%
Differential Phase Error
NTSC, G = +2, RL = 1 k
Ω, RF = 1.21 kΩ
0.08
0.08
Degree
DC PERFORMANCE
Input Offset Voltage
1.0
2.5
1.0
2.5
mV
TMIN to TMAX
13
14
mV
Offset Drift
15
15
µV/°C
–Input Bias Current
±20
±80
±20
±80 µA
TMIN to TMAX
±100
±110 µA
+Input Bias Current
±35
±100
±35
±100 µA
TMIN to TMAX
±115
±125 µA
Open Loop Transresistance
VO = +1.5 V to +3.5 V
140
230
140
230
k
TMIN to TMAX
170
170
k
INPUT CHARACTERISTICS
Input Resistance
+Input
2
2
M
–Input
50
50
Input Capacitance
+Input
1.5
1.5
pF
Input Common-Mode
Voltage Range
3.2
3.2
V
Common-Mode Rejection Ratio
Offset Voltage
VCM =+1 V to +3 V
5257
52
57dB
–Input Current
VCM = +1 V to +3 V, TMIN to TMAX
22
µA/V
+Input Current
VCM = +1 V to +3 V, TMIN to TMAX
15
15
µA/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150
0.9 to 4.1
0.9 to 4.1
V
Output Current
50
50
mA
Short Circuit Current
95
95
mA
POWER SUPPLY
Operating Range
0, +4
+12
0, +4
+12
V
Total Quiescent Current
13
14
13
14
mA
TMIN to TMAX
14.5
15.5
14.5
17.5
mA
Power Supply Rejection Ratio
∆V
S = +1 V, VCM = +2.5 V
56
62
56
62
dB
–Input Current
TMIN to TMAX
11
µA/V
+Input Current
TMIN to TMAX
66
µA/V
Specifications subject to change without notice.
SPECIFICATIONS (@ T
A = +25 C, VS = +5 V, RL = 100
, unless otherwise noted.)


Similar Part No. - AD8004AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004AN AD-AD8004AN Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AN AD-AD8004AN Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AN AD-AD8004AN Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
More results

Similar Description - AD8004AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004 AD-AD8004_15 Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com