Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8012ARMZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8012ARMZ-REEL7
Description  Dual 350 MHz Low Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012ARMZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8012ARMZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
–10–
AD8012
LOAD –
10
1k
10k
100
7
1
6
3
5
4
2
0
8
9
+5V
5V
TPC 25. Output Swing vs. Load
FREQUENCY – Hz
100
10k
1k
3.6
2.4
3.4
2.8
3.2
3.0
2.6
2.2
2.0
3.8
4.0
CURRENT NOISE
+IN/–IN
VOLTAGE NOISE
26
14
24
18
22
20
16
12
10
28
30
100k
TPC 26. Noise vs. Frequency
9
8
7
6
5
4
3
2
3
4
5
6
7
8
9
10
11
1
0
f = 5MHz
G =
2
RF = 750
RL = 100
RL = 1k
TOTAL SUPPLY VOLTAGE
V
TPC 27. Output Swing vs. Supply
0.1%
5ns
G = +2
RF = 750
RL = 100
2V STEP
t = 0
TPC 28. Settling Time, VS =
±5 V
FREQUENCY – MHz
3
–3
100
500
2
–1
VO = 0.3V p-p
RF = 750
RL = 1k
1
0
–2
–4
4
5
G = +10
G = +2
G = +1
–5
10
1
TPC 29. Frequency Response; VS =
±5 V
0.3
–0.3
0.2
–0.1
VO = 0.3V p-p
G = +2
RF = 750
RL = 1k
0.1
0
–0.2
–0.4
0.4
0.5
–0.5
FREQUENCY – MHz
0.1
10
1
100
TPC 30. Gain Flatness; VS =
±5 V


Similar Part No. - AD8012ARMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012ARMZ-REEL7 AD-AD8012ARMZ-REEL7 Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
More results

Similar Description - AD8012ARMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012 AD-AD8012_15 Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
   350-450 MHz Amplifier Kit
5/30/14
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3 Datasheet
318Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com