Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28404OCT Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # CY28404OCT
Description  CK409-Compliant Clock Synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28404OCT Datasheet(HTML) 2 Page - SpectraLinear Inc

  CY28404OCT Datasheet HTML 1Page - SpectraLinear Inc CY28404OCT Datasheet HTML 2Page - SpectraLinear Inc CY28404OCT Datasheet HTML 3Page - SpectraLinear Inc CY28404OCT Datasheet HTML 4Page - SpectraLinear Inc CY28404OCT Datasheet HTML 5Page - SpectraLinear Inc CY28404OCT Datasheet HTML 6Page - SpectraLinear Inc CY28404OCT Datasheet HTML 7Page - SpectraLinear Inc CY28404OCT Datasheet HTML 8Page - SpectraLinear Inc CY28404OCT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CY28404
Rev 1.0, November 22, 2006
Page 2 of 19
Pin Description
Pin No.
Name
Type
Description
1, 2, 48
REF(0:2)
O, SE
Reference Clock. 3.3V 14.318 MHz clock output.
1, 2, 7, 8, 9
FS_A, FS_B, FS_C,
FS_D, FS_E
I
3.3V LVTTL Latched Input for CPU Frequency Selection.
4XIN
I
Crystal Connection or External Reference Frequency Input. This pin has
dual functions. It can be used as an external 14.318 MHz crystal connection or
as an external reference frequency input.
5
XOUT
O, SE
Crystal Connection. Connection for an external 14.318 MHz crystal output.
40, 43
CPUT(0:1)
O, DIF
CPU Clock Output. Differential CPU clock outputs.
39, 42
CPUC(0:1)
O, DIF
CPU Clock Output. Differential CPU clock outputs.
37, 36
DNC
Do Not Connect
30, 31
3V66(0:1)
O, SE
66 MHz Clock Output. 3.3V 66 MHz clock from internal VCO.
26
3V66_3/VCH/
SELVCH
I/O, SE
PD
48 or 66 MHz Clock Output. 3.3V selectable through external SELVCH
strapping resistor and SMBus to be 66 MHz or 48 MHz. Default is 66 MHz.
0 = 66 MHz, 1 = 48 MHz
27
3V66_2/MODE
I/O, SE
PU
66 MHz Clock Output. 3.3V 66 MHz clock from internal VCO. Reset or
Power-down Mode Select. Selects between RESET# output or PWRDWN#
input for the PWRDWN#/RESET# pin. Default is RESET#. 0 = PD, 1 = RESET.
7, 8, 9
PCI_F(0:2)
O, SE,PU Free Running PCI Output. 33 MHz clocks divided down from 3V66.
12, 13, 14, 15,
18, 19
PCI(0:5)
O, SE
PCI Clock Output. 33 MHz clocks divided down from 3V66.
23
USB_48
O, SE
Fixed 48 MHz Clock Output.
22
DOT_48
O, SE
Fixed 48 MHz Clock Output.
45
IREF
I
Current Reference. A precision resistor is attached to this pin which is
connected to the internal current reference.
20
RESET#/PD#
I/O, PU
3.3V LVTTL Input for PowerDown# active LOW. Watchdog Time-out Reset
Output.
21
SEL24#/
24_48MHz
I/O, SE
PU
24 or 48 MHz Output. 3.3V fixed 24 MHz or 48 MHz non-spread spectrum
output selectable through an external power-on strapping resistor tied to this
pin. 0 = 24 MHz, 1 = 48 MHz
34
VTT_PWRGD#
I
3.3V LVTTL Input is a Level Sensitive Strobe used to Latch the FS[A:E]
Input (active LOW).
33
SDATA
I/O
SMBus-compatible SDATA.
32
SCLK
I
SMBus-compatible SCLOCK.
47
VDDA
PWR
3.3V Power Supply for PLL.
46
VSSA
GND
Ground for PLL.
3, 10, 16, 25,
28, 35, 41
VDD(REF,PCI,48,3
V66,CPU),
PWR
3.3V Power Supply for Outputs.
6, 11, 17, 29,
38, 44, 46
VSS(REF,PCI,48,3V
66,CPU,ITP)
GND
Ground for Outputs.


Similar Part No. - CY28404OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28404OCT CYPRESS-CY28404OCT Datasheet
268Kb / 20P
   CK409-COMPLIANT CLOCK SYNTHESIZER
More results

Similar Description - CY28404OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28405 CYPRESS-CY28405 Datasheet
259Kb / 19P
   CK409-Compliant Clock Synthesizer
logo
SpectraLinear Inc
CY28405 SPECTRALINEAR-CY28405 Datasheet
197Kb / 18P
   CK409-Compliant Clock Synthesizer
logo
Cypress Semiconductor
CY28404 CYPRESS-CY28404 Datasheet
268Kb / 20P
   CK409-COMPLIANT CLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
   Networking Clock Synthesizer
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
   NETWORKING CLOCK SYNTHESIZER
012313
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
   Video Clock Synthesizer
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com