Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD822BRZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD822BRZ
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822BRZ Datasheet(HTML) 1 Page - Analog Devices

  AD822BRZ Datasheet HTML 1Page - Analog Devices AD822BRZ Datasheet HTML 2Page - Analog Devices AD822BRZ Datasheet HTML 3Page - Analog Devices AD822BRZ Datasheet HTML 4Page - Analog Devices AD822BRZ Datasheet HTML 5Page - Analog Devices AD822BRZ Datasheet HTML 6Page - Analog Devices AD822BRZ Datasheet HTML 7Page - Analog Devices AD822BRZ Datasheet HTML 8Page - Analog Devices AD822BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Single-Supply, Rail-to-Rail
Low Power FET-Input Op Amp
AD822
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
True single-supply operation
Output swings rail-to-rail
Input voltage range extends below ground
Single-supply capability from 3 V to 36 V
Dual-supply capability from ±1.5 V to ±18 V
High load drive
Capacitive load drive of 350 pF, G = +1
Minimum output current of 15 mA
Excellent ac performance for low power
800 μA maximum quiescent current per amplifier
Unity gain bandwidth: 1.8 MHz
Slew rate of 3.0 V/μs
Good dc performance
800 μV maximum input offset voltage
2 μV/°C typical offset voltage drift
25 pA maximum input bias current
Low noise
13 nV/√Hz @ 10 kHz
No phase inversion
APPLICATIONS
Battery-powered precision instrumentation
Photodiode preamps
Active filters
12-bit to 14-bit data acquisition systems
Medical instrumentation
Low power references and regulators
CONNECTION DIAGRAM
1
2
3
4
8
7
6
5
AD822
OUT1
–IN1
+IN1
V–
V+
OUT2
–IN2
+IN2
Figure 1. 8-Lead PDIP (N Suffix); 8-Lead MSOP (RM Suffix);
and 8-Lead SOIC (R Suffix)
GENERAL DESCRIPTION
The AD822 is a dual precision, low power FET input op amp
that can operate from a single supply of 3.0 V to 36 V or dual
supplies of ±1.5 V to ±18 V. It has true single-supply capability
with an input voltage range extending below the negative rail,
allowing the AD822 to accommodate input signals below
ground in the single-supply mode. Output voltage swing
extends to within 10 mV of each rail, providing the maximum
output dynamic range.
FREQUENCY (Hz)
1
10
10k
1k
100
100
10
Figure 2. Input Voltage Noise vs. Frequency
Offset voltage of 800 μV maximum, offset voltage drift of 2 μV/°C,
input bias currents below 25 pA, and low input voltage noise
provide dc precision with source impedances up to a gigaohm. The
1.8 MHz unity gain bandwidth, –93 dB THD at 10 kHz, and 3 V/μs
slew rate are provided with a low supply current of 800 μA per
amplifier.
(continued on Page 3)


Similar Part No. - AD822BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD822BRZ AD-AD822BRZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822BRZ AD-AD822BRZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822BRZ-REEL AD-AD822BRZ-REEL Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822BRZ-REEL AD-AD822BRZ-REEL Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822BRZ-REEL7 AD-AD822BRZ-REEL7 Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results

Similar Description - AD822BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com