Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8012AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD8012AR
Description  Dual 350 MHz Low Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012AR Datasheet(HTML) 5 Page - Analog Devices

  AD8012AR Datasheet HTML 1Page - Analog Devices AD8012AR Datasheet HTML 2Page - Analog Devices AD8012AR Datasheet HTML 3Page - Analog Devices AD8012AR Datasheet HTML 4Page - Analog Devices AD8012AR Datasheet HTML 5Page - Analog Devices AD8012AR Datasheet HTML 6Page - Analog Devices AD8012AR Datasheet HTML 7Page - Analog Devices AD8012AR Datasheet HTML 8Page - Analog Devices AD8012AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
AD8012
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8012 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation
2
SOIC Package (R) . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8 W
MSOP Package (RM) . . . . . . . . . . . . . . . . . . . . . . . . 0.6 W
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±2.5 V
Output Short-Circuit Duration
. . . . . . . . . . . . . . . . . .Observe Power Derating Curves
Storage Temperature Range RM, R . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air at +25
°C.
8-Lead SOIC Package: JA = 155
°C/W
8-Lead MSOP Package: JA = 200
°C/W
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Options
Branding
AD8012AR
–40
°C to +85°C
8-Lead SOIC
R-8
AD8012AR-REEL
–40
°C to +85°C13” Tape and Reel
R-8
AD8012AR-REEL7
–40
°C to +85°C7” Tape and Reel
R-8
AD8012ARM
–40
°C to +85°C
8-Lead MSOP
RM-08
H6A
AD8012ARM-REEL
–40
°C to +85°C13” Tape and Reel
RM-08
H6A
AD8012ARM-REEL7
–40
°C to +85°C7” Tape and Reel
RM-08
H6A
AD8012ARMZ
*
–40
°C to +85°C
8-Lead MSOP
RM-08
H6A
AD8012ARMZ-REEL
*
–40
°C to +85°C13” Tape and Reel
RM-08
H6A
AD8012ARMZ-REEL7
*
–40
°C to +85°C7” Tape and Reel
RM-08
H6A
*Z = Pb-free product.


Similar Part No. - AD8012AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012AR AD-AD8012AR Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012AR AD-AD8012AR Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012AR-REEL AD-AD8012AR-REEL Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012AR-REEL AD-AD8012AR-REEL Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012AR-REEL7 AD-AD8012AR-REEL7 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
More results

Similar Description - AD8012AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012 AD-AD8012_15 Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
   350-450 MHz Amplifier Kit
5/30/14
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3 Datasheet
318Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com