Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD822ARMZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD822ARMZ-R2
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD822ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD822
Rev. G | Page 6 of 28
VS = ±5 V @ TA = 25°C, VCM = 0 V, VOUT = 0 V, unless otherwise noted.
Table 2.
AD822 A Grade
AD822 B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DC PERFORMANCE
Initial Offset
0.1
0.8
0.1
0.4
mV
Maximum Offset Over Temperature
0.5
1.5
0.5
1
mV
Offset Drift
2
2
μV/°C
Input Bias Current
VCM = −5 V to +4 V
2
25
2
10
pA
at TMAX
0.5
5
0.5
2.5
nA
Input Offset Current
2
20
2
10
pA
at TMAX
0.5
0.5
nA
Open-Loop Gain
VO = −4 V to +4 V
RL = 100 kΩ
400
1000
400
1000
V/mV
TMIN to TMAX
400
400
V/mV
RL = 10 kΩ
80
150
80
150
V/mV
TMIN to TMAX
80
80
V/mV
RL = 1 kΩ
20
30
20
30
V/mV
TMIN to TMAX
10
10
V/mV
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
0.1 Hz to 10 Hz
2
2
μV p-p
f = 10 Hz
25
25
nV/√Hz
f = 100 Hz
21
21
nV/√Hz
f = 1 kHz
16
16
nV/√Hz
f = 10 kHz
13
13
nV/√Hz
Input Current Noise
0.1 Hz to 10 Hz
18
18
fA p-p
f = 1 kHz
0.8
0.8
fA/√Hz
Harmonic Distortion
RL = 10 kΩ
f = 10 kHz
VO = ±4.5 V
−93
−93
dB
DYNAMIC PERFORMANCE
Unity Gain Frequency
1.9
1.9
MHz
Full Power Response
VO p-p = 9 V
105
105
kHz
Slew Rate
3
3
V/μs
Settling Time
to 0.1%
VO = 0 V to ±4.5 V
1.4
1.4
μs
to 0.01%
1.8
1.8
μs
MATCHING CHARACTERISTICS
Initial Offset
1.0
0.5
mV
Maximum Offset Over Temperature
3
2
mV
Offset Drift
3
3
μV/°C
Input Bias Current
25
10
pA
Crosstalk @ f = 1 kHz
RL = 5 kΩ
−130
−130
dB
f = 100 kHz
−93
−93
dB
INPUT CHARACTERISTICS
Input Voltage Range1
−5.2
+4
−5.2
+4
V
TMIN to TMAX
−5.2
+4
−5.2
+4
V
Common-Mode Rejection Ratio (CMRR)
VCM = –5 V to +2 V
66
80
69
80
dB
TMIN to TMAX
VCM = –5 V to +2 V
66
66
dB
Input Impedance
Differential
1013||0.5
1013||0.5
Ω||pF
Common Mode
1013||2.8
1013||2.8
Ω||pF


Similar Part No. - AD822ARMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD822ARMZ-REEL AD-AD822ARMZ-REEL Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822ARMZ-REEL AD-AD822ARMZ-REEL Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results

Similar Description - AD822ARMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com