Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8012 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8012
Description  Dual 350 MHz Low Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8012 Datasheet HTML 3Page - Analog Devices AD8012 Datasheet HTML 4Page - Analog Devices AD8012 Datasheet HTML 5Page - Analog Devices AD8012 Datasheet HTML 6Page - Analog Devices AD8012 Datasheet HTML 7Page - Analog Devices AD8012 Datasheet HTML 8Page - Analog Devices AD8012 Datasheet HTML 9Page - Analog Devices AD8012 Datasheet HTML 10Page - Analog Devices AD8012 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
AD8012
–7–
1V
10ns
TPC 7. 4 V Step Response; G = +2, VS =
±5 V, RL = 100 Ω
20mV
5ns
TPC 8. 100 mV Step Response; G = –1, VS =
±2.5 V
or
±5 V, RL = 100 Ω*
500mV
10ns
TPC 9. 2 V Step Response; G = –1, VS =
±2.5 V, RL = 100 Ω
1V
10ns
TPC 10. 4 V Step Response; G = –1, VS =
±5 V, RL = 100 Ω
RL
–40
–90
10
1k
100
–70
–80
–60
–50
G = +2
VOUT = 2V p-p
RF = 750
THIRD
SECOND
TPC 11. Distortion vs. Load Resistance; VS =
±5 V,
Frequency = 500 kHz
THIRD
RL = 1k
FREQUENCY
MHz
1
10
20
SECOND
RL = 1k
THIRD
RL = 100
SECOND
RL = 100
–40
–60
–80
–100
G = +2
VOUT = 2V p-p
RF = 750
TPC 12. Distortion vs. Frequency; VS =
±5 V


Similar Part No. - AD8012

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012 AD-AD8012 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012AR AD-AD8012AR Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012AR AD-AD8012AR Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012AR-REEL AD-AD8012AR-REEL Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012AR-REEL AD-AD8012AR-REEL Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
More results

Similar Description - AD8012

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012 AD-AD8012_15 Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
   350-450 MHz Amplifier Kit
5/30/14
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3 Datasheet
318Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com