Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOD1F6 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SOD1F6
Description  SURFACE MOUNT RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SOD1F6 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SOD1F6 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SOD1F6 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SOD1F6 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.0
0.2
2.8
0.1
1.8
0.1
0.05
0.30
0.98
0.1
Cathode Band
Top View
3.7
0.2
0.60
0.25
5
FEATURES
◇ Glass passivated device
◇ Ideal for surface mouted applications
◇ Low leakage current
◇ Metallurgically bonded construction
◇ High temperature soldering:
250℃/10 seconds at terminals
MECHANICAL DATA
◇ Case:JEDEC SOD-123FL,molded plastic over
passivated chip
◇ Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.003 ounces, 0.01 gram
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single hase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
SOD1F2 SOD1F4 SOD1F6 SOD1F8 SOD1F10
FD
FG
FJ
FK
FM
VRRM
200
400
600
800
1000
V
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
RjθA
K/W
trr
250
ns
Tj
TSTG
NOTES:1.Averaged over any 20 ms period.
2. Thermal resistance junction to ambient, 6.0 mm
2 coppeer pads to each terminal.
3.Measured with IF=0.5A, IR=1A, Irr=0.25A.
70
100
- 55 --- + 150
25
Maximum recurrent peak reverse voltage
Device marking code
SOD - 123FL
www.galaxycn.com
UNITS
FB
A
BL
GALAXY ELECTRICAL
SOD1F1 --- SOD1F10
100
A
I(AV)
SURFACE MOUNT RECTIFIER
1.0
SOD1F1
REVERSE VOLTAGE: 100 - 1000 V
CURRENT: 1.0 A
Maximum reverse recovery time (NOTE 3)
Maximum RMS voltage
Maximum DC blocking voltage
Operating temperature range
Storage temperature range
on rated load
TL=25℃
180
Maximum average forword
rectified current
TA=65℃
(NOTE 1)
Peak forward surge current 8.3ms single
half-sine-wave superimposed
IFSM
Typical thermal resistance
(NOTE 2)
150
500
- 55 --- + 150
Document Number 0280072
1.
BLGALAXYELECTRICAL


Similar Part No. - SOD1F6

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SOD1F6 TAYCHIPST-SOD1F6 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
SOD1F6 LUGUANG-SOD1F6 Datasheet
197Kb / 3P
   Surface Mount Rectifiers
logo
Microdiode Electronics ...
SOD1F6 CHENDA-SOD1F6 Datasheet
613Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
SOD1F6 SUNMATE-SOD1F6 Datasheet
356Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
SOD1F6 BILIN-SOD1F6 Datasheet
197Kb / 3P
   SURFACE MOUNT RECTIFIERS
More results

Similar Description - SOD1F6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com