Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S07B Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # S07B
Description  SURFACE MOUNT RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S07B Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S07B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S07B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S07B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
◇ Glass passivated device
◇ Ideal for surface mouted applications
◇ Low leakage current
◇ Metallurgically bonded construction
◇ High temperature soldering:
250℃/10 seconds at terminals
MECHANICAL DATA
◇ Case:JEDEC SOD-123FL,molded plastic over
passivated chip
◇ Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.006 ounces, 0.02 gram
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
S07D
S07G
S07J
S07M
UNITS
VRRM
200
400
600
1000
V
VRMS
140
280
420
700
V
VDC
200
400
600
1000
V
RjθA
K/W
Tj
TSTG
NOTES:1.Averaged over any 20 ms period.
2. Thermal resistance junction to ambient, 6.0 mm
2 coppeer pads to each terminal.
BL
GALAXY ELECTRICAL
S07B --- S07M
100
A
I(AV)
A
70
100
- 55 --- + 150
IFSM
- 55 --- + 150
SURFACE MOUNT RECTIFIER
0.7
25
S07B
REVERSE VOLTAGE: 100 - 1000 V
CURRENT: 0.7 A
SOD - 123FL
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forword
rectified current
TA=65℃
(NOTE 1)
Peak forward surge current 8.3ms single
half-sine-wave superimposed
Operating temperature range
Storage temperature range
on rated load
TL=25℃
180
Typical thermal resistance
(NOTE 2)
Document Number 0280059
BLGALAXY ELECTRICAL
www.galaxycn.com
1.
1.0
0.2
2.8
0.1
1.8
0.1
0.05
0.30
0.98
0.1
Cathode Band
Top View
3.7
0.2
0.60
0.25
5
B0
D0
G0
J0
M0
Device marking code


Similar Part No. - S07B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07B VISHAY-S07B Datasheet
121Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B VISHAY-S07B Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B VISHAY-S07B Datasheet
80Kb / 6P
   Small Signal Switching Diode, High Voltage
Rev. 2.0, 20-Aug-10
logo
Shenzhen Luguang Electr...
S07B LUGUANG-S07B Datasheet
208Kb / 3P
   Surface Mount Rectifiers
logo
HuaXinAn Electronics CO...
S07B HUAXINAN-S07B Datasheet
350Kb / 7P
   SIDACtor Protection Thyristors
More results

Similar Description - S07B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com