Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3D Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS3D
Description  SURFACE MOUNT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS3D Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  RS3D Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS3D Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
RS3D RS3G RS3J
RS3K
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRWS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forword rectified current at
c TL=90
OC
IF(AV)
Peak forward surge current 8.3ms
c single half-sine-wave superimposed on rated
c load
IFSM
A
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current
@TA=25
oC
at rated DC blockjing voltage
@TA=125
oC
Maximum reverse recovery time (NOTE 1)
trr
250
ns
Typical junction capacitance (NOTE 2)
CJ
pF
JA
Operating junction and storage temperature range
TJTSTG
oC
GALAXY ELECTRICAL
32
1000
700
1000
150
100
Low profile package
RS3A
Polarity: color band denotes cathode end
Weight: 0.007 ounces, 0.21 gram
Glass passivated chip junction
35
oC/W
RS3B
High temperature soldering:
111 250
oC/10 seconds at terminals
3.0
70
500
Plastic package has underwriters laborator
111
flammability classification 94V-0
DO - 214AB(SMC)
Typical thermal resitance (NOTE 3)
3. Thermal resistance from junction to ambient and junction to lead P.C.B.mounted on 0.2''X0.2''(5.0X5.0mm
2)copper pad areas
RS3M
For surface mounted applications
UNITS
50
100
NOTE: 1.Reverse recoverytime test conditions:IF=0.5A,IR=1.0A,Irr=0.25A
RS3A---RS3M
2. Measured at 1.0MHzand applied reverse voltage of 4.0 Volts
REVERSE VOLTAGE: 50 --- 1000 V
CURRENT: 3.0 A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-214AB,molded plastic over
1111passivated chip
SURFACE MOUNT RECTIFIER
Terminals:Solder plated, solderable per MIL-STD-750,
Method 2026
50
100
200
1.3
-55--------+150
10
IR
www.galaxycn.com
BL
Document Number 0280033
BLGALAXY ELECTRICAL
1.
inch(mm)
22
R
A


Similar Part No. - RS3D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3D SSE-RS3D Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Gaomi Xinghe Electronic...
RS3D GXELECTRONICS-RS3D Datasheet
477Kb / 2P
   Surface Mount Fast Recovery Rectifier
logo
Weitron Technology
RS3D WEITRON-RS3D Datasheet
84Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
RFE international
RS3D RFE-RS3D Datasheet
149Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
logo
Rugao Dachang Electroni...
RS3D DACHANG-RS3D Datasheet
118Kb / 2P
   Surface Mount Fast Recover Rectifier
More results

Similar Description - RS3D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com