Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3914 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3914
Description  Dot/Bar Display Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3914 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3914 Datasheet HTML 1Page - National Semiconductor (TI) LM3914 Datasheet HTML 2Page - National Semiconductor (TI) LM3914 Datasheet HTML 3Page - National Semiconductor (TI) LM3914 Datasheet HTML 4Page - National Semiconductor (TI) LM3914 Datasheet HTML 5Page - National Semiconductor (TI) LM3914 Datasheet HTML 6Page - National Semiconductor (TI) LM3914 Datasheet HTML 7Page - National Semiconductor (TI) LM3914 Datasheet HTML 8Page - National Semiconductor (TI) LM3914 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Dissipation (Note 6)
Molded DIP (N)
1365 mW
Supply Voltage
25V
Voltage on Output Drivers
25V
Input Signal Overvoltage (Note 4)
±35V
Divider Voltage
−100 mV to V
+
Reference Load Current
10 mA
Storage Temperature Range
−55˚C to +150˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Plastic Chip Carrier Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Electrical Characteristics (Notes 2, 4)
Parameter
Conditions (Note 2)
Min
Typ
Max
Units
COMPARATOR
Offset Voltage, Buffer and First
Comparator
0V
≤ V
RLO =VRHI
≤ 12V,
I
LED =1mA
310
mV
Offset Voltage, Buffer and Any Other
Comparator
0V
≤ V
RLO =VRHI
≤ 12V,
I
LED =1mA
315
mV
Gain (
∆I
LED/
∆V
IN)IL(REF) = 2 mA, ILED = 10 mA
3
8
mA/mV
Input Bias Current (at Pin 5)
0V
≤ V
IN
≤ V+ − 1.5V
25
100
nA
Input Signal Overvoltage
No Change in Display
−35
35
V
VOLTAGE-DIVIDER
Divider Resistance
Total, Pin 6 to 4
8
12
17
k
Accuracy
(Note 3)
0.5
2
%
VOLTAGE REFERENCE
Output Voltage
0.1 mA
≤ I
L(REF)
≤ 4 mA,
V
+ =V
LED =5V
1.2
1.28
1.34
V
Line Regulation
3V
≤ V+ ≤ 18V
0.01
0.03
%/V
Load Regulation
0.1 mA
≤ I
L(REF)
≤ 4 mA,
V
+ =V
LED =5V
0.4
2
%
Output Voltage Change with
Temperature
0˚C
≤ T
A
≤ +70˚C, I
L(REF) = 1 mA,
V
+ =5V
1%
Adjust Pin Current
75
120
µA
OUTPUT DRIVERS
LED Current
V
+ =V
LED = 5V, IL(REF) = 1 mA
7
10
13
mA
LED Current Difference (Between
Largest and Smallest LED Currents)
V
LED =5V
I
LED = 2 mA
0.12
0.4
mA
I
LED =20mA
1.2
3
LED Current Regulation
2V
≤ V
LED
≤ 17V
I
LED = 2 mA
0.1
0.25
mA
I
LED =20mA
1
3
Dropout Voltage
I
LED(ON) = 20 mA, VLED = 5V,
∆I
LED =2mA
1.5
V
Saturation Voltage
I
LED = 2.0 mA, IL(REF) = 0.4 mA
0.15
0.4
V
Output Leakage, Each Collector
(Bar Mode) (Note 5)
0.1
10
µA
Output Leakage
(Dot Mode) (Note 5)
Pins 10–18
0.1
10
µA
Pin 1
60
150
450
µA
SUPPLY CURRENT
Standby Supply Current
(All Outputs Off)
V
+ = 5V,
I
L(REF) = 0.2 mA
2.4
4.2
mA
V
+ = 20V,
I
L(REF) = 1.0 mA
6.1
9.2
mA
www.national.com
3


Similar Part No. - LM3914

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914N NSC-LM3914N Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914N-1 NSC-LM3914N-1 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3914N-1 TI1-LM3914N-1 Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
LM3914N-1/NOPB TI1-LM3914N-1/NOPB Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
More results

Similar Description - LM3914

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3914N-1 TI1-LM3914N-1 Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com