Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2622MM-ADJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2622MM-ADJ
Description  600kHz/1.3MHz Step-up PWM DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2622MM-ADJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2622MM-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2622MM-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2622MM-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2622MM-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2622MM-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2622MM-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2622MM-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2622MM-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2622MM-ADJ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical Performance Characteristics (Continued)
R
DSON vs. VIN
(I
SW = 1A)
I
Q vs. VIN
(600 kHz, not switching)
10127327
10127328
I
Q vs. VIN
(600 kHz, switching)
I
Q vs. VIN
(1.3 MHz, not switching)
10127329
10127321
I
Q vs. VIN
(1.3 MHz, switching)
I
Q vs. VIN
(In shutdown)
10127319
10127318
www.national.com
6


Similar Part No. - LM2622MM-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622MM-ADJ NSC-LM2622MM-ADJ Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2622MM-ADJ/NOPB TI-LM2622MM-ADJ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
More results

Similar Description - LM2622MM-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
logo
Texas Instruments
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com