Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C385A Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C385A
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C385A Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DS90C385A_06 Datasheet HTML 5Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 6Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 7Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 8Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 9Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 10Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 11Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 12Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Pin Diagram for TSSOP Packages
DS90C385AMT
20070223
Applications Information
The
DS90C385A
is
backward
compatible
with
the
DS90C385, DS90C383A, DS90C383 in TSSOP 56-lead
package, and it is a pin-for-pin replacements.
This device DS90C385A also features reduced variation of
the TCCD parameter which is important for dual pixel appli-
cations. (See AN-1084)
This device may also be used as a replacement for the
DS90CF583 (5V, 65MHz) and DS90CF581 (5V, 40MHz)
FPD-Link
Transmitters
with
certain
considerations/
modifications:
1.
Change 5V power supply to 3.3V. Provide this 3.3V
supply to the V
CC, LVDS VCC and PLL VCC of the
transmitter.
2.
The DS90C385A transmitter input and control inputs
accept 3.3V LVTTL/LVCMOS levels. They are not 5V
tolerant.
3.
To implement a falling edge device for the DS90C385A,
the R_FB pin may be tied to ground OR left unconnected
(an internal pull-down resistor biases this pin low). Bias-
ing this pin to Vcc implements a rising edge device.
TRANSMITTER INPUT PINS
The TxIN and control input pins are compatible with LVC-
MOS and LVTTL levels. These pins are not 5V tolerant.
TRANSMITTER INPUT CLOCK/DATA SEQUENCING
Unlike
the
DS90C385,
DS90C(F)383A/363A,
the
DS90C385A does not require any special requirement for
sequencing of the input clock/data and PD (PowerDown)
signal. The DS90C385A offers a more robust input sequenc-
ing feature where the input clock/data can be inserted after
the release of the PD signal. In the case where the clock/
data is stopped and reapplied, such as changing video mode
within Graphics Controller, it is not necessary to cycle the PD
signal. However, there are in certain cases where the PD
may need to be asserted during these mode changes. In
cases where the source (Graphics Source) may be supply-
ing an unstable clock or spurious noisy clock output to the
LVDS transmitter, the LVDS Transmitter may attempt to lock
onto this unstable clock signal but is unable to do so due the
instability or quality of the clock source. The PD signal in
these cases should then be asserted once a stable clock is
applied to the LVDS transmitter. Asserting the PWR DOWN
pin will effectively place the device in reset and disable the
PLL, enabling the LVDS Transmitter into a power saving
standby mode. However, it is still generally a good practice
to assert the PWR DOWN pin or reset the LVDS transmitter
whenever the clock/data is stopped and reapplied but it is
not mandatory for the DS90C385A.
SPREAD SPECTRUM CLOCK SUPPORT
The DS90C385A can support Spread Spectrum Clocking
signal type inputs. The DS90C385A outputs will accurately
track Spread Spectrum Clock/Data inputs with modulation
frequencies of up to 100kHz (max.)with either center spread
of ±2.5% or down spread -5% deviations.
POWER SOURCES SEQUENCE
In typical applications, it is recommended to have V
CC, LVDS
V
CC and PLL VCC from the same power source with three
separate de-coupling bypass capacitor groups. There is no
requirement on which VCC entering the device first.
www.national.com
11


Similar Part No. - DS90C385A_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C385AMT NSC-DS90C385AMT Datasheet
648Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C385AMT TI-DS90C385AMT Datasheet
981Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385AMT/NOPB TI1-DS90C385AMT/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385AMTX TI-DS90C385AMTX Datasheet
981Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385AMTX TI1-DS90C385AMTX Datasheet
1Mb / 20P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
More results

Similar Description - DS90C385A_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C385A NSC-DS90C385A Datasheet
648Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C385A TI1-DS90C385A_15 Datasheet
1Mb / 20P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385AMTX TI-DS90C385AMTX Datasheet
981Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C365A NSC-DS90C365A_05 Datasheet
620Kb / 12P
   3.3V programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C365A TI1-DS90C365A_13 Datasheet
919Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
DS90C365AMTX TI-DS90C365AMTX Datasheet
918Kb / 16P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com