Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C383B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C383B
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C383B Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90C383B_06 Datasheet HTML 1Page - National Semiconductor (TI) DS90C383B_06 Datasheet HTML 2Page - National Semiconductor (TI) DS90C383B_06 Datasheet HTML 3Page - National Semiconductor (TI) DS90C383B_06 Datasheet HTML 4Page - National Semiconductor (TI) DS90C383B_06 Datasheet HTML 5Page - National Semiconductor (TI) DS90C383B_06 Datasheet HTML 6Page - National Semiconductor (TI) DS90C383B_06 Datasheet HTML 7Page - National Semiconductor (TI) DS90C383B_06 Datasheet HTML 8Page - National Semiconductor (TI) DS90C383B_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Input Voltage
−0.3V to (V
CC + 0.3V)
LVDS Driver Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Output Short Circuit
Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec)
+260˚C
Maximum Package Power Dissipation Capacity @ 25˚C
MTD56 (TSSOP) Package:
DS90C383B
1.63 W
Package Derating:
DS90C383B
12.5 mW/˚C above +25˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
7 kV
(EIAJ, 0
Ω, 200 pF)
500V
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage
(V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−10
+25
+70
˚C
Supply Noise
Voltage (V
CC)
200
mV
PP
TxCLKIN frequency
18
68
MHz
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.79
−1.5
V
I
IN
Input Current
V
IN = 0.4V, 2.5V or VCC
+1.8
+10
µA
V
IN = GND
−10
0
µA
LVDS DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100
250
345
450
mV
∆V
OD
Change in V
OD between
complimentary output states
35
mV
V
OS
Offset Voltage (Note 4)
1.13
1.25
1.38
V
∆V
OS
Change in V
OS between
complimentary output states
35
mV
I
OS
Output Short Circuit Current
V
OUT = 0V, RL = 100
−3.5
−5
mA
I
OZ
Output TRI-STATE® Current
Power Down = 0V,
V
OUT =0VorV CC
±1
±10
µA
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
Worst Case
R
L = 100
Ω,
C
L = 5 pF,
Worst Case Pattern
(Figures 1, 4 )" Typ "
values are given for V
CC
= 3.6V and T
A =
+25˚C, " Max " values
are given for V
CC =
3.6V and T
A = −10˚C
f = 25MHz
31
45
mA
f = 40MHz
37
50
mA
f = 65 MHz
48
60
mA
www.national.com
2


Similar Part No. - DS90C383B_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383BMT NSC-DS90C383BMT Datasheet
267Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383BMT TI-DS90C383BMT Datasheet
952Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMT-NOPB TI1-DS90C383BMT-NOPB Datasheet
975Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMT/NOPB TI1-DS90C383BMT/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMTX TI-DS90C383BMTX Datasheet
952Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results

Similar Description - DS90C383B_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90C383B NSC-DS90C383B Datasheet
267Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383BMTX TI1-DS90CF383BMTX Datasheet
958Kb / 16P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383B TI1-DS90C383B_15 Datasheet
1Mb / 17P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com