Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD603AQ Datasheet(PDF) 8 Page - Analog Devices

Part # AD603AQ
Description  Low Noise, 90 MHz Variable Gain Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603AQ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD603AQ Datasheet HTML 4Page - Analog Devices AD603AQ Datasheet HTML 5Page - Analog Devices AD603AQ Datasheet HTML 6Page - Analog Devices AD603AQ Datasheet HTML 7Page - Analog Devices AD603AQ Datasheet HTML 8Page - Analog Devices AD603AQ Datasheet HTML 9Page - Analog Devices AD603AQ Datasheet HTML 10Page - Analog Devices AD603AQ Datasheet HTML 11Page - Analog Devices AD603AQ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD603
Rev. H | Page 8 of 24
FREQUENCY (Hz)
100M
100k
1M
10M
100
102
98
96
94
Figure 16. Input Impedance vs. Frequency (Gain = 30 dB)
1V
200ns
1V
10
0%
100
90
Figure 17. Gain Control Channel Response Time
451ns
–49ns
50ns
4.5V
500mV
–500mV
INPUT GND
1V/DIV
OUTPUT GND
500mV/DIV
Figure 18. Input Stage Overload Recovery Time
(Input Is 500 ns Period, 50% Duty-Cycle Square Wave,
Output Is Captured Using Tektronix 11402 Digitizing Oscilloscope)
451ns
–49ns
50ns
3V
1V
–2V
INPUT GND
100MV/DIV
OUTPUT GND
1V/DIV
Figure 19. Output Stage Overload Recovery Time
(Input Is 500 ns Period, 50% Duty-Cycle Square Wave,
Output Is Captured Using Tektronix 11402 Digitizing Oscilloscope)
GND
GND
456ns
–44ns
50ns
3.5V
500mV
–1.5V
INPUT
500mV/DIV
OUTPUT
500mV/DIV
Figure 20. Transient Response, G = 0 dB
(Input Is 500 ns Period, 50% Duty-Cycle Square Wave,
Output Is Captured Using Tektronix 11402 Digitizing Oscilloscope)
456ns
–44ns
50ns
3.5V
500mV
–1.5V
INPUT GND
100mV/DIV
OUTPUT GND
500mV/DIV
Figure 21. Transient Response, G = 20 dB
(Input Is 500 ns Period, 50% Duty-Cycle Square Wave,
Output Is Captured Using Tektronix 11402 Digitizing Oscilloscope)


Similar Part No. - AD603AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603AQ AD-AD603AQ Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603AQ AD-AD603AQ Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603AQ AD-AD603AQ Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
More results

Similar Description - AD603AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_17 Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com