Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD704JR Datasheet(PDF) 8 Page - Analog Devices

Part # AD704JR
Description  Quad Picoampere Input Current Bipolar Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704JR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD704JR Datasheet HTML 4Page - Analog Devices AD704JR Datasheet HTML 5Page - Analog Devices AD704JR Datasheet HTML 6Page - Analog Devices AD704JR Datasheet HTML 7Page - Analog Devices AD704JR Datasheet HTML 8Page - Analog Devices AD704JR Datasheet HTML 9Page - Analog Devices AD704JR Datasheet HTML 10Page - Analog Devices AD704JR Datasheet HTML 11Page - Analog Devices AD704JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. C
AD704
–8–
Table I. Resistance Values for Various Gains
Circuit Gain
RG (Max Value
Bandwidth
(G)
R1 and R3
of Trim Potentiometer) (–3 dB), Hz
10
6.34 k
166 k
50k
100
526
16.6 k
5k
1,000
56.2
1.66 k
0.5k
160
140
120
100
80
60
40
20
0
1
10
100
1k
10k
FREQUENCY – Hz
GAIN = 10, 0.2V p-p COMMON-MODE INPUT
CIRCUIT TRIMMED
USING CAPACITOR Ct
WITHOUT CAPACITOR Ct
TYPICAL MONOLITHIC IN AMP
Figure 4. Common-Mode Rejection vs. Frequency with
and without Capacitor Ct
INSTRUMENTATION AMPLIFIER GAIN = 1 +
+
(FOR R1 = R3, R2 = R4 + R5)
R2
2R2
ALL RESISTORS METAL FILM, 1%
1/4
AD704
1/4
AD704
1/4
AD704
1/4
AD704
OPTIONAL BALANCE RESISTOR
NETWORKS CAN BE REPLACED
WITH A SHORT
CAPACITORS C2 AND C4 ARE
SOUTHERN ELECTRONICS MPCC,
POLYCARBONATE, 5%, 50 VOLT
OUTPUT
C3
C4
R8
1M
C5, 0.01 F
C2
R7
1M
R6
1M
C1
0.1 F
GAIN TRIM
(500k
POT)
R2
49.9k
R1
6.34k
RG
R3
6.34k
OPTIONAL
AC CMRR TRIM
R5
2.4k
R4
47.5k
DC
CMRR
TRIM
(5k
POT)
C t
–VIN
R1
RG
=
R8
C3C4
ω
1
R8 = R9
Q2 =
C3
4C4
R6 = R7
=
R6
C1C2
ω
1
Q1 =
C1
4C2
R10, 2M
+
+
0.1 F
+VS
–VS
+VIN
R9
1M
C6, 0.01 F
R11, 2M
Figure 3. Gain of 10 Instrumentation Amplifier with Post Filtering
The instrumentation amplifier with post filtering (Figure 3)
combines two applications which benefit greatly from the
AD704. This circuit achieves low power and dc precision over
temperature with a minimum of components.
The instrumentation amplifier circuit offers many performance
benefits including BiFET level input bias currents, low input
offset voltage drift and only 1.2 mA quiescent current. It will
operate for gains G
≥ 2, and at lower gains it will benefit from
the fact that there is no output amplifier offset and noise contri-
bution as encountered in a 3 op amp design. Good low frequency
CMRR is achieved even without the optional ac CMRR trim
(Figure 4). Table I provides resistance values for 3 common
circuit gains. For other gains, use the following equations:
R2 = R4 + R5 = 49.9 k
R1
= R3 =
49.9 k
0.9 G
−1
Max Value of R
k
G
G
=
99 8
006
.
.
C
t
1
2
π (R3) 5 × 105


Similar Part No. - AD704JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704JR AD-AD704JR Datasheet
397Kb / 8P
   Quad Picoampere Input Current Bipolar Op Amp
REV. A
AD704JR-16 AD-AD704JR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704JR-16-REEL AD-AD704JR-16-REEL Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704JR-REEL AD-AD704JR-REEL Datasheet
397Kb / 8P
   Quad Picoampere Input Current Bipolar Op Amp
REV. A
AD704JRZ-16 AD-AD704JRZ-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results

Similar Description - AD704JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704_15 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704 Datasheet
397Kb / 8P
   Quad Picoampere Input Current Bipolar Op Amp
REV. A
AD705 AD-AD705 Datasheet
451Kb / 8P
   Picoampere Input Current Bipolar Op Amp
REV. B
AD705 AD-AD705_15 Datasheet
559Kb / 3P
   PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD706 AD-AD706 Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706ARZ AD-AD706ARZ Datasheet
182Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com