Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8616 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8616
Description  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8616 Datasheet(HTML) 2 Page - Analog Devices

  AD8616 Datasheet HTML 1Page - Analog Devices AD8616 Datasheet HTML 2Page - Analog Devices AD8616 Datasheet HTML 3Page - Analog Devices AD8616 Datasheet HTML 4Page - Analog Devices AD8616 Datasheet HTML 5Page - Analog Devices AD8616 Datasheet HTML 6Page - Analog Devices AD8616 Datasheet HTML 7Page - Analog Devices AD8616 Datasheet HTML 8Page - Analog Devices AD8616 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8615/AD8616/AD8618
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Applications..................................................................................... 11
Input Overvoltage Protection ................................................... 11
Output Phase Reversal............................................................... 11
Driving Capacitive Loads .......................................................... 11
Overload Recovery Time .......................................................... 12
D/A Conversion ......................................................................... 12
Low Noise Applications............................................................. 12
High Speed Photodiode Preamplifier...................................... 13
Active Filters ............................................................................... 13
Power Dissipation....................................................................... 13
Power Calculations for Varying or Unknown Loads............. 14
Outline Dimensions ....................................................................... 15
Ordering Guide .......................................................................... 17
REVISION HISTORY
6/05—Rev. B to Rev. C
Change to Table 1 ......................................................................... 3
Change to Table 2 ......................................................................... 4
Change to Figure 20 ..................................................................... 8
1/05—Rev. A to Rev. B
Added AD8615 ...............................................................Universal
Changes to Figure 12.................................................................... 8
Deleted Figure 19; Renumbered Subsequent Figures .............. 8
Changes to Figure 20.................................................................... 9
Changes to Figure 29.................................................................. 10
Changes to Figure 31.................................................................. 11
Deleted Figure 34; Renumbered Subsequent Figures ............ 11
Deleted Figure 35; Renumbered Subsequent Figures ............ 35
4/04—Rev. 0 to Rev. A
Added AD8618 ...............................................................Universal
Updated Outline Dimensions ................................................... 16
1/04—Revision 0: Initial Version


Similar Part No. - AD8616

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616 AD-AD8616 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616 AD-AD8616 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8616AR AD-AD8616AR Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616AR AD-AD8616AR Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
More results

Similar Description - AD8616

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com