Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8615 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8615
Description  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8615 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8615 Datasheet HTML 7Page - Analog Devices AD8615 Datasheet HTML 8Page - Analog Devices AD8615 Datasheet HTML 9Page - Analog Devices AD8615 Datasheet HTML 10Page - Analog Devices AD8615 Datasheet HTML 11Page - Analog Devices AD8615 Datasheet HTML 12Page - Analog Devices AD8615 Datasheet HTML 13Page - Analog Devices AD8615 Datasheet HTML 14Page - Analog Devices AD8615 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8615/AD8616/AD8618
Rev. C | Page 11 of 20
APPLICATIONS
INPUT OVERVOLTAGE PROTECTION
The AD8615/AD8616/AD8618 have internal protective cir-
cuitry that allows voltages exceeding the supply to be applied
at the input.
It is recommended, however, not to apply voltages that exceed
the supplies by more than 1.5 V at either input of the amplifier.
If a higher input voltage is applied, series resistors should be
used to limit the current flowing into the inputs.
The input current should be limited to <5 mA. The extremely
low input bias current allows the use of larger resistors, which
allows the user to apply higher voltages at the inputs. The use
of these resistors adds thermal noise, which contributes to the
overall output voltage noise of the amplifier.
For example, a 10 kΩ resistor has less than 13 nV/√Hz of
thermal noise and less than 10 nV of error voltage at room
temperature.
OUTPUT PHASE REVERSAL
The AD8615/AD8616/AD8618 are immune to phase
inversion, a phenomenon that occurs when the voltage
applied at the input of the amplifier exceeds the maxi-
mum input common mode.
Phase reversal can cause permanent damage to the ampli-
fier and can create lock-ups in systems with feedback loops.
TIME (2ms/DIV)
VIN
VOUT
VS = ±2.5V
VIN = 6V p-p
AV = 1
RL = 10kΩ
Figure 36. No Phase Reversal
DRIVING CAPACITIVE LOADS
Although the AD8615/AD8616/AD8618 are capable of driving
capacitive loads of up to 500 pF without oscillating, a large
amount of overshoot is present when operating at frequencies
above 100 kHz. This is especially true when the amplifier is
configured in positive unity gain (worst case). When such large
capacitive loads are required, the use of external compensation
is highly recommended.
This reduces the overshoot and minimizes ringing, which
in turn improves the frequency response of the AD8615/
AD8616/AD8618. One simple technique for compensation is
the snubber, which consists of a simple RC network. With this
circuit in place, output swing is maintained and the amplifier
is stable at all gains.
Figure 38 shows the implementation of the snubber, which
reduces overshoot by more than 30% and eliminates ringing
that can cause instability. Using the snubber does not recover
the loss of bandwidth incurred from a heavy capacitive load.
TIME (2
μs/DIV)
VS = ±2.5V
AV = 1
CL = 500pF
Figure 37. Driving Heavy Capacitive Loads Without Compensation
V+
200
Ω
500pF
500pF
V–
VCC
VEE
200mV
+
+
Figure 38. Snubber Network
TIME (10
μs/DIV)
VS = ±2.5V
AV = 1
RS = 200Ω
CS = 500pF
CL = 500pF
Figure 39. Driving Heavy Capacitive Loads Using the Snubber Network


Similar Part No. - AD8615

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8615 AD-AD8615 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8615ARJ AD-AD8615ARJ Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8615AUJZ-R21 AD-AD8615AUJZ-R21 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615AUJZ-REEL1 AD-AD8615AUJZ-REEL1 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results

Similar Description - AD8615

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com